Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMKB401ADA2R2MHA0G Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # EMKB401ADA2R2MHA0G
Description  SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

EMKB401ADA2R2MHA0G Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  EMKB401ADA2R2MHA0G Datasheet HTML 1Page - Nippon Precision Circuits Inc EMKB401ADA2R2MHA0G Datasheet HTML 2Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Low ESR, 105C
@Low ESR
@Endurance : 3,000 hours at 105C
@Rated voltage 400V, Capacitance 2.2 to 4.7MF
@RoHS Compliant
?SPECIFICATIONS
(20C, 120Hz)
(at 20C after 1 minute)
(20C, 120Hz)
(120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. impedance Ratio)
Endurance
Shelf life
Items
-40 to +105C
400Vdc
P20%(M)
I=0.04CV+100(max.)
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage(Vdc)
tanE (Max.)
Rated voltage(Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 3,000 hours
at 105C.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 500 hours at 105C without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
Characteristics
400V
0.25
400V
6
10
?DIMENSIONS [mm]
?MARKING
LP0.5
0.3max.
AP0.2
W
Size code
HA0
JA0
D
8
10
L
10.0
10.0
A
8.3
10.3
B
8.3
10.3
C
9.0
11.0
W
0.7 to 1.1
0.7 to 1.1
P
3.1
4.5
6A
3.9
2GKB
EX) 400V3.9MF
Rated voltage (Vdc)
400
Symbol
2G
@Terminal Code : A
?PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 2.2MF:2R2)
Taping code
Terminal code
Voltage code
Series code
Category
E M K B 4 0 1 A D A A A A
A A A G
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "Product code guide (surface mount type)"
?STANDARD RATINGS
WV
(Vdc)
Cap
(mF)
Size code
ESR
(omax/120Hz)
Rated ripple current
(mArms/105c,120Hz)
Part No.
20c
-40c
400
2.2
HA0
20
1,000
26
EMKB401ADA2R2MHA0G
3.3
JA0
10
500
37
EMKB401ADA3R3MJA0G
3.9
JA0
10
500
38
EMKB401ADA3R9MJA0G
4.7
JA0
10
500
39
EMKB401ADA4R7MJA0G
@Rated voltage symbol
CAT. No. E1001K
(1/1)


Similar Part No. - EMKB401ADA2R2MHA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMKB401ADA2R2MHA0G CHEMI-CON-EMKB401ADA2R2MHA0G Datasheet
311Kb / 1P
Low ESR, 105?
More results

Similar Description - EMKB401ADA2R2MHA0G

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACK NIC-NACK Datasheet
48Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NACNW NIC-NACNW Datasheet
172Kb / 1P
Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com