Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP75N3LLH6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP75N3LLH6
Description  N-channel 30 V, 0.0042 廓, 75 A, DPAK, TO-220, IPAK, Short IPAK
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP75N3LLH6 Datasheet(HTML) 1 Page - STMicroelectronics

  STP75N3LLH6 Datasheet HTML 1Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 2Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 3Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 4Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 5Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 6Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 7Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 8Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
July 2011
Doc ID 15978 Rev 4
1/21
21
STD75N3LLH6, STP75N3LLH6
STU75N3LLH6, STU75N3LLH6-S
N-channel 30 V, 0.0042
Ω, 75 A, DPAK, TO-220, IPAK, Short IPAK
STripFET™ VI DeepGATE™ Power MOSFET
Features
■ RDS(on) * Qg industry benchmark
■ Extremely low on-resistance RDS(on)
■ High avalanche ruggedness
■ Low gate drive power losses
Application
Switching applications
Description
This N-Channel Power MOSFET product utilizes
the 6th generation of design rules of ST’s
proprietary STripFET™ technology, with a new
gate structure.The resulting Power MOSFET
exhibits the lowest RDS(on) in all packages.
Figure 1.
Internal schematic diagram
Order codes
VDSS
RDS(on) max
ID
STD75N3LLH6
30 V
< 0.0055
Ω
75 A
STP75N3LLH6
< 0.0059
Ω
STU75N3LLH6
STU75N3LLH6-S
3
2
1
TAB
1
3
TAB
IPAK
DPAK
3
2
1
TAB
Short IPAK
1
2
3
TAB
TO-220
AM01474v1
D (TAB or 2)
G(1)
S(3)
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD75N3LLH6
75N3LLH6
DPAK
Tape and reel
STP75N3LLH6
TO-220
Tube
STU75N3LLH6
IPAK
STU75N3LLH6-S
Short IPAK
www.st.com


Similar Part No. - STP75N3LLH6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP75N3LLH6 ISC-STP75N3LLH6 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP75N3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5 Datasheet
344Kb / 15P
N-channel 30 V, 0.0072 Ω, 48 A - DPAK - IPAK STripFET??V Power MOSFET
23-Sep-2008
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5 Datasheet
376Kb / 16P
N-channel 30 V, 0.0042 Ω , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
25-Sep-2008
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
N-channel 800 V, 0.95 Ω, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh™Power MOSFET
02-Oct-2009
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5_10 Datasheet
817Kb / 16P
N-channel 30 V, 0.0042 Ω , 80 A, DPAK, TO-220, IPAK STripFET™V Power MOSFET
01-Jul-2010
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_10 Datasheet
619Kb / 17P
N-channel 25 V, 0.0038 Ω, 80 A, DPAK, IPAK, TO-220 STripFET™V Power MOSFET
26-Apr-2010
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5_09 Datasheet
391Kb / 16P
N-channel 30 V, 0.0072 Ω, 48 A DPAK, IPAK, TO-220 STripFET??V Power MOSFET
20-Apr-2009
logo
STATEK CORPORATION
STD3LN62K3 STATEK-STD3LN62K3 Datasheet
1Mb / 21P
N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFE DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
N-channel 30 V, 0.0037 Ω , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
10-Nov-2009
STD150N3LLH6 STMICROELECTRONICS-STD150N3LLH6 Datasheet
948Kb / 16P
N-channel 30 V, 0.0024 ohm , 80 A, DPAK, IPAK, TO-220
10-Sep-2009
STD27N3LH5 STMICROELECTRONICS-STD27N3LH5 Datasheet
1,021Kb / 21P
N-channel 30 V, 0.014, 27 A, DPAK, IPAK, TO-220 STripFET V Power MOSFET
07-Mar-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com