Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8553 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8553
Description  1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8553 Datasheet(HTML) 2 Page - Analog Devices

  AD8553 Datasheet HTML 1Page - Analog Devices AD8553 Datasheet HTML 2Page - Analog Devices AD8553 Datasheet HTML 3Page - Analog Devices AD8553 Datasheet HTML 4Page - Analog Devices AD8553 Datasheet HTML 5Page - Analog Devices AD8553 Datasheet HTML 6Page - Analog Devices AD8553 Datasheet HTML 7Page - Analog Devices AD8553 Datasheet HTML 8Page - Analog Devices AD8553 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8553
Rev. A | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Pin Configuration............................................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics............................................................. 3
 
Absolute Maximum Ratings............................................................ 5
 
Thermal Resistance ...................................................................... 5
 
ESD Caution.................................................................................. 5
 
Typical Performance Characteristics ............................................. 6
 
Theory of Operation ...................................................................... 11
 
High PSR and CMR ................................................................... 11
 
1/f Noise Correction .................................................................. 11
 
Applications..................................................................................... 12
 
Gain Selection (Gain-Setting Resistors).................................. 12
 
Reference Connection ............................................................... 12
 
Disable Function ........................................................................ 12
 
Output Filtering.......................................................................... 12
 
Clock Feedthrough..................................................................... 12
 
Low Impedance Output............................................................. 12
 
Maximizing Performance Through Proper Layout ............... 13
 
Power Supply Bypassing ............................................................ 13
 
Input Overvoltage Protection ................................................... 13
 
Capacitive Load Drive ............................................................... 13
 
Circuit Diagrams/Connections ................................................ 14
 
Outline Dimensions ....................................................................... 18
 
Ordering Guide............................................................................... 18
 
REVISION HISTORY
8/10—Rev. 0 to Rev. A
Changes to Figure 30...................................................................... 13
10/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com