Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSP061-4M10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HSP061-4M10
Description  4-line ESD protection for high speed lines
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-4M10 Datasheet(HTML) 1 Page - STMicroelectronics

  HSP061-4M10 Datasheet HTML 1Page - STMicroelectronics HSP061-4M10 Datasheet HTML 2Page - STMicroelectronics HSP061-4M10 Datasheet HTML 3Page - STMicroelectronics HSP061-4M10 Datasheet HTML 4Page - STMicroelectronics HSP061-4M10 Datasheet HTML 5Page - STMicroelectronics HSP061-4M10 Datasheet HTML 6Page - STMicroelectronics HSP061-4M10 Datasheet HTML 7Page - STMicroelectronics HSP061-4M10 Datasheet HTML 8Page - STMicroelectronics HSP061-4M10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This is information on a product in full production.
September 2012
Doc ID 023716 Rev 2
1/11
11
HSP061-4M10
4-line ESD protection for high speed lines
Datasheet
production data
Features
■ Flow-through routing to keep signal integrity
■ Ultralarge bandwidth: 8.7 GHz
■ Ultralow capacitance: 0.3 pF
■ Low leakage current: 70 nA at 25 °C
■ Extended operating junction temperature
range: -40 °C to 150 °C
■ Thin package: 0.5 mm max.
■ RoHS compliant
Benefits
■ High ESD robustness of the equipment
■ Suitable for high density boards
Complies with following standards
■ MIL-STD 883G Method 3015-7 Class 3B:
–8 kV
■ IEC 61000-4-2 level 4:
– 8 kV (contact discharge)
– 15 kV (air discharge)
Applications
The HSP061-4M10 is designed to protect against
electrostatic discharge on sub micron technology
circuits driving:
■ HDMI 1.3 and 1.4
■ Digital Video Interface
■ Display Port
■ USB 3.0
■ Serial ATA
■ Thunderbolt
Figure 1.
Functional schematic (top view)
Description
The HSP061-4M10 is a 4-channel ESD array with
a rail to rail architecture designed specifically for
the protection of high speed differential lines.
The ultralow variation of the capacitance ensures
very low influence on signal-skew. The large
bandwidth makes the device compatible with
3.4 Gbps.
The device is packaged in µQFN-10L 2.5 x 1 mm
with a 500 µm pitch, which minimizes the PCB
area.
µQFN-10L package
I/O 1
I/O 2
GND
I/O 3
I/O 4
Internally
not connected
GND
Internally
not connected
1
2
4
5
6
8
9
10
3
7
www.st.com


Similar Part No. - HSP061-4M10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-4M10Y STMICROELECTRONICS-HSP061-4M10Y Datasheet
380Kb / 11P
Automotive 4-line ESD protection for high speed lines
09-Dec-2013
More results

Similar Description - HSP061-4M10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
206Kb / 10P
4-line ESD protection for high speed lines
15-Oct-2010
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
4-line ESD protection for high speed lines
27-Mar-2013
HSP062-2 STMICROELECTRONICS-HSP062-2 Datasheet
216Kb / 11P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-2M6 STMICROELECTRONICS-HSP061-2M6 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
HSP061-4M10Y STMICROELECTRONICS-HSP061-4M10Y Datasheet
380Kb / 11P
Automotive 4-line ESD protection for high speed lines
09-Dec-2013
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
4-line ESD protection for high speed lines
14-Nov-2014
HSP051-4N10 STMICROELECTRONICS-HSP051-4N10 Datasheet
1Mb / 11P
4-line ESD protection for high speed lines
11-Jul-2014
HSP061-4F4 STMICROELECTRONICS-HSP061-4F4 Datasheet
194Kb / 7P
4-line ESD protection for high speed lines
31-Oct-2013
HSP051-4M5 STMICROELECTRONICS-HSP051-4M5 Datasheet
2Mb / 15P
4-line ESD protection for high speed lines
07-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com