Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPSA13 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPSA13
Description  Darlington Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSA13 Datasheet(HTML) 4 Page - Motorola, Inc

  MPSA13 Datasheet HTML 1Page - Motorola, Inc MPSA13 Datasheet HTML 2Page - Motorola, Inc MPSA13 Datasheet HTML 3Page - Motorola, Inc MPSA13 Datasheet HTML 4Page - Motorola, Inc MPSA13 Datasheet HTML 5Page - Motorola, Inc MPSA13 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPSA13 MPSA14
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
SMALL–SIGNAL CHARACTERISTICS
Figure 6. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
5.0
7.0
10
20
3.0
Figure 7. High Frequency Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 9. Collector Saturation Region
IB, BASE CURRENT (µA)
2.0
200 k
5.0
0.04
4.0
2.0
1.0
0.8
0.6
0.4
0.2
TJ = 25°C
1.5
2.0
2.5
3.0
1.0
0.5
0.1
0.2
0.4
1.0
2.0
4.0
10
20
40
Cibo
Cobo
0.5
1.0
2.0
0.5
10
20
50
100 200
500
VCE = 5.0 V
f = 100 MHz
TJ = 25°C
100 k
70 k
50 k
30 k
20 k
10 k
7.0 k
5.0 k
3.0 k
2.0 k
7.0
10
20
30
50 70
100
200 300
500
TJ = 125°C
25
°C
– 55
°C
VCE = 5.0 V
0.1 0.2
0.5 1.0 2.0
5.0
10
20
50
100 200
500 1000
TJ = 25°C
IC = 10 mA
50 mA
250 mA
500 mA
Figure 10. “On” Voltages
IC, COLLECTOR CURRENT (mA)
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.6
5.0
– 1.0
1.4
1.2
1.0
0.8
0.6
7.0
10
20
30
50 70 100 200 300
500
VBE(sat) @ IC/IB = 1000
TJ = 25°C
VBE(on) @ VCE = 5.0 V
VCE(sat) @ IC/IB = 1000
– 2.0
– 3.0
– 4.0
– 5.0
– 6.0
5.0 7.0 10
20
30
50
70 100
200 300
500
25
°C TO 125°C
– 55
°C TO 25°C
*RqVC FOR VCE(sat)
qVB FOR VBE
25
°C TO 125°C
– 55
°C TO 25°C
*APPLIES FOR IC/IB ≤ hFE/3.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com