Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM2309 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM2309
Description  1A Step-Down DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2309 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM2309 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Input Voltage..................................-0.3V to 6.0V
EN, FB Pin Voltage.............................-
SW Pi n Voltage......................-
0.3V to V
0.3V to
V +0.3V
Junction Temperature.................................150°C
Storage Temperature Range...........-65°C to 150°C
Soldering Temperature......................300°C 5sec
()
IN
IN
,
Recommended Operating Conditions
Supply Voltage................................2.5V to 5.5V
°C
°C
°C
°C
Operation Temperature Range.........-40
to 85
Junction Temperature Range........-40
to 125
Thermal Information
Parameter
Package
Symbol
Maximum
Unit
SOT23-5
Note
130
DFN 2x2
20
Thermal Resistance
(JunctiontoCase)
QFN 3x3
θJC
12
SOT23-5
102
DFN 2x2
68
Thermal Resistance
(Junction to Ambient)
QFN 3x3
θ
JA
34
°C/W
SOT23-5
400
DFN 2x2
980
Internal Power Dissipation
QFN 3x3
P
D
1470
mW
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2309
1A Step-Down DC-DC Converter
Note:
The maximun output current for SOT23-5 package is limited by internal power dissipation capacity as
described in Application Information hereinafter.
08/2009 Rev 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com