Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CJ2M-CPU33 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # CJ2M-CPU33
Description  Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU33 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button CJ2M-CPU33 Datasheet HTML 11Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 12Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 13Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 14Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 15Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 16Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 17Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 18Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
15
CJ2M-CPU3
@/-CPU1@/-MD21@
Specifications of Pulse Input Functions
Interrupt Inputs
Quick-response inputs
High-speed Counter Inputs
Item
Direct Mode
Counter Mode
Number of interrupt inputs
Max. 8 inputs
Allocated bit
CIO 2960 and CIO 2962, bits 00 to 03
Interrupt detection method
ON-to-OFF or OFF-to-ON transitions
Interrupt task numbers
140 to 147 (fixed)
Counting method
---
Incrimenting or decrementing
(Set with the MSKS(690) instruction.)
Counting range
---
0001 to FFFF hex (16 bits)
(Set in A532 to A535 and A544 to A547.)
Response frequency
---
Single-phase: 3 kHz x 8 inputs
Storage locations for PVs for interrupt inputs
in Counter Mode
---
A536 to A539 and A548 to A551
Item
Specifications
Number of Quick-response inputs
Max. 8 inputs
Quick-response inputs
Signals that are shorter than the cycle time are latched for one PLC cycle, so they can be detected in the PLC program.
Minimum detectable pulse width is 30
μs.
Item
Description
Number of High-speed Counter Inputs
Max. 4 inputs
Pulse input method (counting mode)
Incremental pulse inputs
Differential phase input (4
×) Up/down inputs
Pulse + direction inputs
Input signals
Increment pulse
Phase A
Up pulse
Pulse
---
Phase B
Down pulse
Direction
---
Phase Z
Reset
Reset
Frequency and number of high-speed
counters
100 kHz, 2 inputs
× 2 I/O
Modules
50 kHz, 2 inputs
× 2 I/O
Modules
100 kHz, 2 inputs
× 2 I/O Modules
100 kHz, 2 inputs
× 2 I/O Modules
Counting mode
Linear mode or ring mode
Count value
Linear mode:
8000 0000 to 7FFF FFFF hex
0000 0000 to FFFF FFFF hex (for increment pulse)
Ring mode:
0000 0000 to Max. ring value
High-speed counter PV storage locations
High-speed counter 0: A271 (upper 4 digits) and A270 (lower 4 digits)
High-speed counter 1: A273 (upper 4 digits) and A272 (lower 4 digits)
High-speed counter 2: A317 (upper 4 digits) and A316 (lower 4 digits)
High-speed counter 3: A319 (upper 4 digits) and A318 (lower 4 digits)
Refreshed during overseeing processing. Use PRV(881) to read the most recent PVs.
Data format: 8 digit hexadecimal
• Linear mode:
8000 0000 to 7FFF FFFF hex
0000 0000 to FFFF FFFF hex (for increment pulse)
• Ring mode:
0000 0000 to Max. ring value
Control method
Target value comparison
Up to 48 target values and corresponding interrupt task numbers can be registered.
Range Comparison
Up to 8 or up to 32 ranges can be registered, with a separate upper limit, lower limit, and interrupt task number for each
range.
Counter reset method
• Phase-Z + Software reset
The counter is reset when the phase-Z input goes ON while the Reset Bit (A531.00 to A531.03) is ON.
• Software reset
The counter is reset when the Reset Bit (A531.00 to A531.03) is turned ON.
Operation can be set to stop or continue the comparison operation when the high-speed counter is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com