Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMUN2235L Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMUN2235L
Description  NPN Transistors with Monolithic Bias Resistor Network
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMUN2235L Datasheet(HTML) 4 Page - ON Semiconductor

  MMUN2235L Datasheet HTML 1Page - ON Semiconductor MMUN2235L Datasheet HTML 2Page - ON Semiconductor MMUN2235L Datasheet HTML 3Page - ON Semiconductor MMUN2235L Datasheet HTML 4Page - ON Semiconductor MMUN2235L Datasheet HTML 5Page - ON Semiconductor MMUN2235L Datasheet HTML 6Page - ON Semiconductor MMUN2235L Datasheet HTML 7Page - ON Semiconductor MMUN2235L Datasheet HTML 8Page - ON Semiconductor MMUN2235L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MUN2235, MMUN2235L, MUN5235, DTC123JE, DTC123JM3, NSBC123JF3
http://onsemi.com
4
Table 2. THERMAL CHARACTERISTICS
Characteristic
Unit
Max
Symbol
THERMAL CHARACTERISTICS (SOT−1123) (NSBC123JF3)
Total Device Dissipation
TA = 25°C
(Note 3)
(Note 4)
Derate above 25°C
(Note 3)
(Note 4)
PD
254
297
2.0
2.4
mW
mW/°C
Thermal Resistance,
(Note 3)
Junction to Ambient
(Note 4)
RqJA
493
421
°C/W
Thermal Resistance, Junction to Lead
(Note 3)
RqJL
193
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. FR−4 @ Minimum Pad.
2. FR−4 @ 1.0 x 1.0 Inch Pad.
3. FR−4 @ 100 mm2, 1 oz. copper traces, still air.
4. FR−4 @ 500 mm2, 1 oz. copper traces, still air.
Table 3. ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current
(VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector−Emitter Cutoff Current
(VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter−Base Cutoff Current
(VEB = 6.0 V, IC = 0)
IEBO
0.2
mAdc
Collector−Base Breakdown Voltage
(IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector−Emitter Breakdown Voltage (Note 5)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS
DC Current Gain (Note 5)
(IC = 5.0 mA, VCE = 10 V)
hFE
80
140
Collector *Emitter Saturation Voltage (Note 5)
(IC = 10 mA, IB = 1.0 mA)
VCE(sat)
0.25
Vdc
Input Voltage (off)
(VCE = 5.0 V, IC = 100 mA)
Vi(off)
0.6
0.5
Vdc
Input Voltage (on)
(VCE = 0.3 V, IC = 5.0 mA)
Vi(on)
1.1
0.8
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
VOL
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
Vdc
Input Resistor
R1
1.5
2.2
2.9
kW
Resistor Ratio
R1/R2
0.038
0.047
0.056
5. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle v 2%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com