Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UB232R Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # UB232R
Description  USB Mini-B FT232R Evaluation Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UB232R Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  UB232R Datasheet HTML 1Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 2Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 3Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 4Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 5Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 6Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 7Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 8Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Copyright © 2010 Future Technology Devices International Limited
4
Document Reference No.: FT_000055
UB232R USB Mini-B FT232R Evaluation Module Datasheet Version 1.12
Clearance No.: FTDI# 43
2 Typical Applications
Rapid USB integration into existing electronic systems.
Prototyping platform for USB interface on new systems.
USB Instrumentation integration.
PCB real estate sensitive designs integrating smallest FTDI USB module available.
2.1 Driver Support
Royalty-Free VIRTUAL COM PORT (VCP)
DRIVERS for:
Windows 7 32, 64-bit
Windows Vista
Windows XP 64-bit
Windows XP Embedded
Windows 98, 98SE, ME, 2000, Server 2003,
XP and Server 2008
Windows CE.NET 4.2 , 5.0 and 6.0
MAC OS 8 / 9, OS-X
Linux 2.4 and greater
.
Royalty-Free D2XX Direct Drivers (USB Drivers +
DLL S/W Interface):
Windows 7 32, 64-bit
Windows Vista
Windows XP 64-bit
Windows XP Embedded.
Windows 98, 98SE, ME, 2000, Server 2003,
XP and Server 2008
Windows CE.NET 4.2, 5.0 and 6.0
Linux 2.4 and greater
The drivers listed above are all available to download for free from www.ftdichip.com. Various 3rd Party
Drivers are also available for various other operating systems – see www.ftdichip.com for details.
2.2 Features
The UB232R has the following feature:
Reduced development time.
Rapid integration into existing systems.
USB powered – no external power supply
needed.
Based on FT232RQ device.
Entire USB protocol handled by USB module.
Small USB Type B connector to minimise PCB
real estate usage.
Data transfer rates from 300 baud to 3 Mbaud
at TTL levels
Lower Operating (15mA) and USB suspend
mode current (70µA).
Supports FT232R FTDIChip-ID™ with a unique
USB serial number.
Support for USB suspend and resume.
UHCI / OHCI / EHCI host controller compatible.
USB 2.0 Full Speed compatible.
-40°C to +85°C operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com