Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4531 Datasheet(PDF) 69 Page - Microchip Technology

Part # MCP4531
Description  7/8-Bit Single/Dual I2C Digital POT with Nonvolatile Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4531 Datasheet(HTML) 69 Page - Microchip Technology

Back Button MCP4531 Datasheet HTML 65Page - Microchip Technology MCP4531 Datasheet HTML 66Page - Microchip Technology MCP4531 Datasheet HTML 67Page - Microchip Technology MCP4531 Datasheet HTML 68Page - Microchip Technology MCP4531 Datasheet HTML 69Page - Microchip Technology MCP4531 Datasheet HTML 70Page - Microchip Technology MCP4531 Datasheet HTML 71Page - Microchip Technology MCP4531 Datasheet HTML 72Page - Microchip Technology MCP4531 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 102 page
background image
 2008-2013 Microchip Technology Inc.
DS22107B-page 69
MCP454X/456X/464X/466X
8.4
Implementing Log Steps with a
Linear Digital Potentiometer
In audio volume control applications, the use of
logarithmic steps is desirable, since the human ear
hears in a logarithmic manner. The use of a linear
potentiometer can approximate a log potentiometer,
but with fewer steps. An 8-bit potentiometer can
achieve fourteen 3 dB log steps plus a 100% (0 dB)
and a mute setting.
Figure 8-5 shows a block diagram of one of the
MCP45x1 resistor networks being used to attenuate an
input signal. In this case, the attenuation will be ground
referenced. Terminal B can be connected to a common
mode voltage, but the voltages on the A, B and Wiper
terminals must not exceed the MCP45x1’s VDD/VSS
voltage limits.
FIGURE 8-5:
Signal Attenuation Block
Diagram - Ground Referenced.
Equation 8-1 shows the equation to calculate voltage
dB gain ratios for the digital potentiometer, while
Equation 8-2
shows
the
equation
to
calculate
resistance dB gain ratios. These two equations assume
that the B terminal is connected to ground.
If terminal B is not directly resistively connected to
ground, then this terminal B to ground resistance
(RB2GND) must be included into the calculation.
Equation 8-3 shows this equation.
EQUATION 8-1:
dB CALCULATIONS
(VOLTAGE)
EQUATION 8-2:
dB CALCULATIONS
(RESISTANCE) - CASE 1
EQUATION 8-3:
dB CALCULATIONS
(RESISTANCE) - CASE 2
Table 8-1 shows the codes that can be used for 8-bit
digital potentiometers to implement the log attenuation.
The table shows the wiper codes for -3 dB, -2 dB, and
-1 dB attenuation steps. This table also shows the
calculated attenuation based on the wiper code’s linear
step. Calculated attenuation values less than the
desired attenuation are shown with red text. At lower
wiper code values, the attenuation may skip a step, if
this occurs the next attenuation value is colored
magenta to highlight that a skip occurred. For example,
in the -3 dB column the -48 dB value is highlighted
since the -45 dB step could not be implemented (there
are no wiper codes between 2 and 1).
P0A
MCP45X1
P0W
P0B
L = 20 * log10 (VOUT / VIN)
dB
VOUT / VIN Ratio
-3
0.70795
-2
-1
0.79433
0.89125
L = 20 * log10 (RBW / RAB)
Terminal B connected to Ground (see Figure 8-5)
L = 20 * log10 ( (RBW + RB2GND) / (RAB + RB2GND) )
Terminal B through RB2GND to Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com