Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP9844 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP9844
Description  짹1째C Accurate, 1.8V Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9844 Datasheet(HTML) 3 Page - Microchip Technology

  MCP9844 Datasheet HTML 1Page - Microchip Technology MCP9844 Datasheet HTML 2Page - Microchip Technology MCP9844 Datasheet HTML 3Page - Microchip Technology MCP9844 Datasheet HTML 4Page - Microchip Technology MCP9844 Datasheet HTML 5Page - Microchip Technology MCP9844 Datasheet HTML 6Page - Microchip Technology MCP9844 Datasheet HTML 7Page - Microchip Technology MCP9844 Datasheet HTML 8Page - Microchip Technology MCP9844 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
 2013 Microchip Technology Inc.
DS20005192A-page 3
MCP9844
INPUT/OUTPUT PIN DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, VDD = 1.7V to 3.6V, GND = Ground and
TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Serial Input/Output (SCL, SDA, A0, A1, A2)
Input
High-level Voltage
VIH
0.7VDD
——
V
Low-level Voltage
VIL
——
0.3VDD
V
Input Current
IIN
—
—
±5
µA
SDA and SCL only
Input Impedance (A0, A1, A2)
ZIN
—1
—
M
VIN > VIH
Input Impedance (A0, A1, A2)
ZIN
—200
—
k
VIN < VIL
Output (SDA only)
Low-level Voltage
VOL
——
0.4
V
IOL= 3 mA
High-level Current (leakage)
IOH
——
1
µA
VOH = VDD
Low-level Current
IOL
3—
20
mA
VOL = 0.4V, VDD ≥ 2.2V
6—
—
mA
VOL = 0.6V
Capacitance
CIN
—5
—
pF
SDA and SCL Inputs
Hysteresis
VHYST
—0.05VDD
—V
Spike Suppression
TSP
—
—
50
ns
TEMPERATURE CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, VDD = 1.7V to 3.6V, GND = Ground,
and TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Note 1
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-TDFN
JA
—
52.5
—
°C/W
Note 1:
Operation in this range must not cause TJ to exceed Maximum Junction Temperature (+150°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com