Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6482-E/SN Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP6482-E/SN
Description  4 MHz, Low-Input Bias Current Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6482-E/SN Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP6482-E/SN Datasheet HTML 41Page - Microchip Technology MCP6482-E/SN Datasheet HTML 42Page - Microchip Technology MCP6482-E/SN Datasheet HTML 43Page - Microchip Technology MCP6482-E/SN Datasheet HTML 44Page - Microchip Technology MCP6482-E/SN Datasheet HTML 45Page - Microchip Technology MCP6482-E/SN Datasheet HTML 46Page - Microchip Technology MCP6482-E/SN Datasheet HTML 47Page - Microchip Technology MCP6482-E/SN Datasheet HTML 48Page - Microchip Technology MCP6482-E/SN Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
 2012-2013 Microchip Technology Inc.
DS20002322C-page 45
MCP6481/2/4
APPENDIX A:
REVISION HISTORY
Revision C (June 2013)
The following is the list of modifications:
1.
Added new devices to the family (MCP6482 and
MCP6484) and related information throughout
the document.
2.
Updated
thermal
package
resistance
information in Table 1-3.
3.
Added Figure 2-35 in Section 2.0, Typical Per-
formance Curves.
4.
Updated Section 3.0, Pin Descriptions.
5.
Added new Section 4.5, Unused Op Amps.
6.
Updated the list of reference documents in
Section 5.5, Application Notes.
7.
Added package markings and drawings for the
MCP6482 and MCP6484 devices.
8.
Updated Product Identification System.
Revision B (October 2012)
The following is the list of modifications:
1.
Updated the maximum low input offset voltage
value in the Section “Features”.
2.
Updated the minimum and maximum input
offset voltage in Table 1-1 “DC Electrical
Specifications”.
3.
Replaced
FIGURE
2-1:
“Input
Offset
Voltage.”
Revision A (September 2012)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com