Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP16252 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP16252
Description  Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16252 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP16252 Datasheet HTML 10Page - Microchip Technology MCP16252 Datasheet HTML 11Page - Microchip Technology MCP16252 Datasheet HTML 12Page - Microchip Technology MCP16252 Datasheet HTML 13Page - Microchip Technology MCP16252 Datasheet HTML 14Page - Microchip Technology MCP16252 Datasheet HTML 15Page - Microchip Technology MCP16252 Datasheet HTML 16Page - Microchip Technology MCP16252 Datasheet HTML 17Page - Microchip Technology MCP16252 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
MCP16251/2
DS25173A-page 14
 2013 Microchip Technology Inc.
5.0
APPLICATION INFORMATION
5.1
Typical Applications
The
MCP16251/2
synchronous
boost
regulator
operates over a wide input voltage and output voltage
range. The power efficiency is high for several decades
of load range. Output current capability increases with
the input voltage and decreases with the increasing
output voltage. The maximum output current is based
on
the
N-Channel
peak
current
limit.
Typical
characterization
curves
in
this
data
sheet
are
presented to display the typical output current
capability.
5.2
Adjustable Output Voltage
Calculations
To calculate the resistor divider values for the
MCP16251/2, use Equation 5-1, where RTOP is
connected to VOUT, RBOT is connected to GND and
both are connected to the VFB input pin.
EQUATION 5-1:
EXAMPLE 1:
EXAMPLE 2:
EXAMPLE 3:
The internal Error Amplifier is a transconductance type;
its gain is not related to the resistors’ value. There are
some potential issues with higher value resistors. For
small surface mount resistors, environment contamina-
tion can create leakage paths that significantly change
the resistor divider ratio and change the output voltage
tolerance. Designers should use resistors that are
larger than 1 M
 with precaution; they can be used on
limited temperature range (-20 to +85oC). For a lower
temperature
(down
to
-40oC),
resistors
from
Examples 1 or 2 are calculated as following:
EXAMPLE 4:
EXAMPLE 5:
Smaller feedback resistor values will increase the
quiescent current drained from the battery by a few µA,
but will result in good regulation over the entire
temperature range.
For boost converters, the removal of the feedback
resistors during operation must be avoided. In this
case, the output voltage will increase above the
absolute maximum output limits of the MCP16251/2
and damage the device (for additional informations,
see AN1337 Application Note).
5.3
Input Capacitor Selection
The boost input current is smoothed by the boost
inductor, reducing the amount of filtering necessary at
the input. Some capacitance is recommended to
provide decoupling from the source. Low ESR X5R or
X7R are well suited, since they have a low temperature
coefficient and small size. For most applications,
4.7 µF of capacitance is sufficient at the input. For high-
power applications that have high-source impedance
or long leads, connecting the battery to the input 10 µF
of capacitance is recommended. Additional input
capacitance can be added to provide a stable input
voltage.
Table 5-1 contains the recommended range for the
input capacitor value.
VOUT = 2.0V
VFB = 1.23V
RBOT = 1 M
RTOP = 626.01 kwith a standard value of
620 k
 V
OUT is 1.992V)
VOUT = 3.3V
VFB = 1.23V
RBOT = 1 M
RTOP = 1.68 Mwith a standard value of
1.69 M
 V
OUT is 3.308V)
VOUT = 5.0V
VFB = 1.23V
RBOT = 1 M
RTOP = 3.065 M (with a standard value of
3.09 M
 V
OUT is 5.03V)
R
TOP
R
BOT
V
OUT
V
FB
-------------1
–


=
VOUT = 2.0V
VFB = 1.23V
RBOT = 309 k
RTOP = 193.44 kwith a standard value of
191 k
 V
OUT is 1.99V)
VOUT = 3.3V
VFB = 1.23V
RBOT = 309 k
RTOP = 520.024 kwith a standard value of
523 k
 V
OUT is 3.311V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com