Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GP Datasheet(PDF) 76 Page - SPANSION

Part # S29GL01GP
Description  1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP Datasheet(HTML) 76 Page - SPANSION

Back Button S29GL01GP Datasheet HTML 72Page - SPANSION S29GL01GP Datasheet HTML 73Page - SPANSION S29GL01GP Datasheet HTML 74Page - SPANSION S29GL01GP Datasheet HTML 75Page - SPANSION S29GL01GP Datasheet HTML 76Page - SPANSION S29GL01GP Datasheet HTML 77Page - SPANSION S29GL01GP Datasheet HTML 78Page - SPANSION S29GL01GP Datasheet HTML 79Page - SPANSION S29GL01GP Datasheet HTML 80Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 81 page
background image
76
S29GL-P MirrorBit® Flash Family
S29GL-P_00_A14 October 22, 2012
Da ta
Sh e e t
13. Advance Information on S29GL-S Eclipse 65 nm MirrorBit
Power-On and Warm Reset Timing
At power on, the flash requires additional time in the reset state to self configure than it does during a warm
reset. Table 13.1 and Figure 13.1 and Figure 13.2 detail the power on and warm reset timing requirements for
the GL-P, and GL-S flash.
Notes:
1. N/A = Not Applicable.
2. For GL-S, tRP + tRH must not be less than tRPH.
Figure 13.1 Power-Up Reset Timing
Note:
The sum of tRP and tRH must be equal to or greater than tRPH.
Table 13.1 Power On and Warm Reset Timing Requirements
Parameter
Description
Type
GL-P
GL-S
Power on Reset
tVCS
VCC Setup Time to first access
min
35 µs
300 µs
tVIOS
VIO Setup Time to first access
min
35 µs
300 µs
tRPH
RESET# Low to CE# Low
min
35 µs
35 µs
tRP
RESET# Low to RESET# High
min
35 µs
200 ns (2)
tRH
RESET# High to CE# Low
min
200 ns
50 ns (2)
tCEH
CE# High to CE# Low
min
N/A
20 ns
Warm Reset
tRPH
RESET# Low to CE# Low
min
35 µs
35 µs
tRP
RESET# Low to RESET# High
min
35 µs
200 ns (2)
tRH
RESET# High to CE# Low
min
200 ns
50 ns (2)
tCEH
CE# High to CE# Low
min
N/A
20 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com