Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QG80331M500SL9BE Datasheet(PDF) 64 Page - Intel Corporation

Part # QG80331M500SL9BE
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M500SL9BE Datasheet(HTML) 64 Page - Intel Corporation

Back Button QG80331M500SL9BE Datasheet HTML 59Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 60Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 61Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 62Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 63Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 64Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 65Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 66Page - Intel Corporation QG80331M500SL9BE Datasheet HTML 67Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
64
Specification Update
Intel® 80331 I/O Processor
Documentation Changes
07:06
002
Reserved.
05:04
002
ODT Termination Value: Determines the termination value of the On Die Termination for both Banks
(controlled by ODT[1:0]). Applies to DDR-II SDRAM memory type only.
•
00 Disabled
•
01 75 ohm
•
10 150 ohm
•
11 reserved
03
02
Reserved
02
Varies with
external state
of
MEM_TYPE
at PCI bus
reset
DDR Type: Identifies the selected DDR generation of SDRAM based on the MEM_TYPE reset strap.
0 = DDR-II (supported speed of 400 MHz) - MEM_TYPE Deasserted.
1 = DDR (supported speed of 333 MHz) - MEM_TYPE Asserted.
01
02
Data Bus Width: Indicates the width of the data bus. See Section 8.3.3.4, “32-bit Data Bus Width” on
page 458.
0 = 64 bits
1 = 32 bits
00
02
DIMM Type: Selects unbuffered or registered DIMM operating modes for the MCU.
0 = Unbuffered*
1 = Registered
NOTE: Unbuffered DDR SDRAM memory subsystems will use the Unbuffered mode.
Table 236.
DDR SDRAM Control Register 0 - SDCR0 (Sheet 2 of 2)
Bit
Default
Description
PCI
IOP
Attributes
Attributes
28
24
20
16
12
8
4
0
31
rw
na
rw
na
rw
na
rw
na
rv
na
rw
na
rw
na
rw
na
rv
na
rw
na
rw
na
rw
na
rv
na
rv
na
rw
na
rw
na
rv
na
rv
na
rw
na
rw
na
rv
na
rv
na
rw
na
rw
na
rv
na
rv
na
rw
na
rw
na
rv
na
ro
na
rw
na
rw
na
Attribute Legend:
RV = Reserved
PR = Preserved
RS = Read/Set
RW = Read/Write
RC = Read Clear
RO = Read Only
NA = Not Accessible
Intel XScale® core Local Bus Address
FFFF E504H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com