Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTS2916A-LGC1 Datasheet(PDF) 14 Page - Microchip Technology

Part # MTS2916A-LGC1
Description  Dual Full-Bridge Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTS2916A-LGC1 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MTS2916A-LGC1 Datasheet HTML 10Page - Microchip Technology MTS2916A-LGC1 Datasheet HTML 11Page - Microchip Technology MTS2916A-LGC1 Datasheet HTML 12Page - Microchip Technology MTS2916A-LGC1 Datasheet HTML 13Page - Microchip Technology MTS2916A-LGC1 Datasheet HTML 14Page - Microchip Technology MTS2916A-LGC1 Datasheet HTML 15Page - Microchip Technology MTS2916A-LGC1 Datasheet HTML 16Page - Microchip Technology MTS2916A-LGC1 Datasheet HTML 17Page - Microchip Technology MTS2916A-LGC1 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MTS2916A
DS22259C-page 14
 2010-2013 Microchip Technology Inc.
SOP 24L Package Outline
Note:
For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging.
112
13
24
0.016 typ
0.05 typ
D
L
GAUGE PLANE
SEATING PLANE
Symbol
Minimum
Typical
Maximum
Unit
A
—
—
2.642 (0.104)
mm (inch)
A1
0.102 (0.004)
—
—
mm (inch)
D
15.545 (0.612)
15.697 (0.618)
15.850 (0.624)
mm (inch)
E
7.417 (0.292)
7.518 (0.296)
7.595 (0.299)
mm (inch)
H
10.287 (0.405)
10.464 (0.412)
10.643 (0.419)
mm (inch)
L
0.533 (0.021)
0.787 (0.031)
1.041 (0.041)
mm (inch)
J
048°
Note 1:
JEDEC outline: M0-119 AA
2:
Dimensions “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusions
and gate burrs should not exceed 0.25mm (0.010inch) per side.
3:
Dimensions “E” does not include inter-lead flash, or protrusions. Inter-lead flash and protrusions
shall not exceed 0.25mm (0.010 inch) per side.
Note:
The package drawing dimensions are expressed in inches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com