Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12C672 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC12C672
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C672 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC12C672 Datasheet HTML 3Page - Microchip Technology PIC12C672 Datasheet HTML 4Page - Microchip Technology PIC12C672 Datasheet HTML 5Page - Microchip Technology PIC12C672 Datasheet HTML 6Page - Microchip Technology PIC12C672 Datasheet HTML 7Page - Microchip Technology PIC12C672 Datasheet HTML 8Page - Microchip Technology PIC12C672 Datasheet HTML 9Page - Microchip Technology PIC12C672 Datasheet HTML 10Page - Microchip Technology PIC12C672 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 7
PIC12C67X
3.0
ARCHITECTURAL OVERVIEW
The high performance of the PIC12C67X family can be
attributed to a number of architectural features com-
monly found in RISC microprocessors. To begin with,
the PIC12C67X uses a Harvard architecture, in which
program and data are accessed from separate memo-
ries using separate buses. This improves bandwidth
over traditional von Neumann architecture in which pro-
gram and data are fetched from the same memory
using the same bus. Separating program and data
buses also allow instructions to be sized differently than
the 8-bit wide data word. Instruction opcodes are 14-
bits wide making it possible to have all single word
instructions. A 14-bit wide program memory access
bus fetches a 14-bit instruction in a single instruction
cycle. A two-stage pipeline overlaps fetch and execu-
tion of instructions (Example 3-1). Consequently, all
instructions (35) execute in a single cycle (200 ns @ 20
MHz) except for program branches.
The table below lists program memory (EPROM), data
memory (RAM), and non-volatile memory (EEPROM)
for each PIC12C67X device.
Device
Program
Memory
RAM Data
Memory
EEPROM
Data
Memory
PIC12C671
1K x 14
128 x 8
PIC12C672
2K x 14
128 x 8
PIC12CE673
1K x 14
128 x 8
16x8
PIC12CE674
2K x 14
128 x 8
16x8
The PIC12C67X can directly or indirectly address its
register files or data memory. All special function regis-
ters, including the program counter, are mapped in the
data memory. The PIC12C67X has an orthogonal
(symmetrical) instruction set that makes it possible to
carry out any operation on any register using any
addressing mode. This symmetrical nature and lack of
‘special optimal situations’ make programming with the
PIC12C67X simple yet efficient. In addition, the learn-
ing curve is reduced significantly.
PIC12C67X devices contain an 8-bit ALU and working
register. The ALU is a general purpose arithmetic unit.
It performs arithmetic and Boolean functions between
the data in the working register and any register file.
The ALU is 8-bits wide and capable of addition, sub-
traction, shift and logical operations. Unless otherwise
mentioned, arithmetic operations are two's comple-
ment in nature. In two-operand instructions, typically
one operand is the working register (W register). The
other operand is a file register or an immediate con-
stant. In single operand instructions, the operand is
either the W register or a file register.
The W register is an 8-bit working register used for ALU
operations. It is not an addressable register.
Depending on the instruction executed, the ALU may
affect the values of the Carry (C), Digit Carry (DC), and
Zero (Z) bits in the STATUS register. The C and DC bits
operate as a borrow bit and a digit borrow out bit,
respectively, in subtraction. See the SUBLW and SUBWF
instructions for examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com