Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

39D408G025JS6 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 39D408G025JS6
Description  Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

39D408G025JS6 Datasheet(HTML) 3 Page - Vishay Siliconix

  39D408G025JS6 Datasheet HTML 1Page - Vishay Siliconix 39D408G025JS6 Datasheet HTML 2Page - Vishay Siliconix 39D408G025JS6 Datasheet HTML 3Page - Vishay Siliconix 39D408G025JS6 Datasheet HTML 4Page - Vishay Siliconix 39D408G025JS6 Datasheet HTML 5Page - Vishay Siliconix 39D408G025JS6 Datasheet HTML 6Page - Vishay Siliconix 39D408G025JS6 Datasheet HTML 7Page - Vishay Siliconix 39D408G025JS6 Datasheet HTML 8Page - Vishay Siliconix 39D408G025JS6 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42036
220
Revision: 17-Nov-06
39D
Vishay Sprague
Aluminum Capacitors
+ 85 °C, Powerlytic® Electrolytics
Notes
*
These values are normally stocked. Case codes subject to change without notice.
1. ‘4’ suffix was clear PVC sleeve. ‘6’ is blue.
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
15 WVDC at + 85 °C, SURGE = 18 V
200
EE
39D207G015EE6
400
EJ
39D407G015EJ6
600
EL
39D607G015EL6
800
FJ
39D807G015FJ6
950
HE
39D957G015HE6
1200.0*
FL
39D128G015FL6
1300
GJ
39D138G015GJ6
1600
FP
39D168G015FP6
1900
GL
39D198G015GL6
2500
GP
39D258G015GP6
2600
JJ
39D268G015JJ6
3800
HP
39D388G015HP6
4000
JL
39D408G015JL6
4700
HS
39D478G015HS6
5300
JP
39D538G015JP6
6600
JS
39D668G015JS6
8000.0*
JT
39D808G015JT6
25 WVDC at + 85 °C, SURGE = 30 V
100
EE
39D107G025EE6
200
EJ
39D207G025EJ6
350
EL
39D357G025EL6
450
FJ
39D457G025FJ6
500.0*
HE
39D507G025HE6
700
FL
39D707G025FL6
750
GJ
39D757G025GJ6
800
JE
39D807G025JE6
950
FP
39D957G025FP6
1000.0*
GL
39D108G025GL6
1100
HJ
39D118G025HJ6
1500
GP
39D158G025GP6
1600
JJ
39D168G025JJ6
1700
HL
39D178G025HL6
2200.0*
HP
39D228G025HP6
2400
JL
39D248G025JL6
2800
HS
39D288G025HS6
3200
JP
39D328G025JP6
4000.0*
JS
39D408G025JS6
4700.0*
JT
39D478G025JT6
30 WVDC at + 85 °C, SURGE = 40 V
75
EE
39D756G030EE6
150
EJ
39D157G030EJ6
250
EL
39D257G030EL6
350
FJ
39D357G030FJ6
400
HE
39D407G030HE6
500.0*
FL
39D507G030FL6
600.0*
JE
39D607G030JE6
700
FP
39D707G030FP6
850
GL
39D857G030GL6
1100.0*
GP
39D118G030GP6
1200
HL
39D128G030HL6
1700
HP
39D178G030HP6
1800
JL
39D188G030JL6
2100
HS
39D218G030HS6
2400
JP
39D248G030JP6
3000.0*
JS
39D308G030JS6
3600
JT
39D368G030JT6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com