Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C554 Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC16C554
Description  EPROM-Based 8-Bit CMOS Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C554 Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC16C554 Datasheet HTML 72Page - Microchip Technology PIC16C554 Datasheet HTML 73Page - Microchip Technology PIC16C554 Datasheet HTML 74Page - Microchip Technology PIC16C554 Datasheet HTML 75Page - Microchip Technology PIC16C554 Datasheet HTML 76Page - Microchip Technology PIC16C554 Datasheet HTML 77Page - Microchip Technology PIC16C554 Datasheet HTML 78Page - Microchip Technology PIC16C554 Datasheet HTML 79Page - Microchip Technology PIC16C554 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 108 page
background image
PIC16C55X
DS40143E-page 76
Preliminary
 1996-2013 Microchip Technology Inc.
10.1
DC Characteristics: PIC16C55X-04 (Commercial, Industrial, Extended)
PIC16C55X-20 (Commercial, Industrial, Extended)
HCS1365-04
(Commercial, Industrial, Extended)
DC Characteristics
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40
C  TA  +85C for industrial and
0
C  TA  +70C for commercial and
-40
C  TA  +125C for extended
Param
No.
Sym
Characteristic
Min
Typ† Max Units
Conditions
VDD
Supply Voltage
D001
16LC55X
3.0
2.5
—5.5
5.5
V
XT and RC osc configuration
LP osc configuration
D001
D001A
16C55X
3.0
4.5
—
—
5.5
5.5
V
V
XT, RC and LP osc configuration
HS osc configuration
D002
VDR
RAM Data Retention
Voltage(1)
—
1.5*
—
V
Device in SLEEP mode
D003
VPOR
VDD Start Voltage to
ensure Power-on Reset
—VSS
—
V
See Section 6.4, Power-on Reset for
details
D004
SVDD
VDD Rise Rate to ensure
Power-on Reset
0.05*
—
—
V/ms See Section 6.4, Power-on Reset for
details
IDD
Supply Current(2)
D010
D010A
16LC55X
—
—
1.4
26
2.5
53
mA
A
XT and RC osc configuration
Fosc = 2.0 MHz, VDD = 3.0V, WDT
disabled(4)
LP osc configuration
Fosc = 32 kHz, VDD = 3.0V, WDT
disabled
D010
D010A
D013
16C55X
—
—
—
1.8
35
9.0
3.3
70
20
mA
A
mA
XT and RC osc configuration
FOSC = 4 MHz, VDD = 5.5V,
WDT disabled(4)
LP osc configuration,
PIC16C55X-04 only
FOSC = 32 kHz, VDD = 4.0V,
WDT disabled
HS osc configuration
FOSC = 20 MHz, VDD = 5.5V,
WDT disabled
*
These parameters are characterized but not tested.
† Data is “Typ” column is at 5V, 25
C,unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern, and temperature also have an
impact on the current consumption.
The test conditions for all IDD measurements in active Operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins configured as input, pulled to VDD,
MCLR = VDD; WDT enabled/disabled as specified.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins configured as input and tied to VDD or VSS.
4: For RC osc configuration, current through REXT is not included. The current through the resistor can be esti-
mated by the formula Ir = VDD/2REXT (mA) with REXT in k

5: The
current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD or IPD measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com