Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LCR6XT Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC16LCR6XT
Description  8-Bit CMOS Microcontrollers
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LCR6XT Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC16LCR6XT Datasheet HTML 47Page - Microchip Technology PIC16LCR6XT Datasheet HTML 48Page - Microchip Technology PIC16LCR6XT Datasheet HTML 49Page - Microchip Technology PIC16LCR6XT Datasheet HTML 50Page - Microchip Technology PIC16LCR6XT Datasheet HTML 51Page - Microchip Technology PIC16LCR6XT Datasheet HTML 52Page - Microchip Technology PIC16LCR6XT Datasheet HTML 53Page - Microchip Technology PIC16LCR6XT Datasheet HTML 54Page - Microchip Technology PIC16LCR6XT Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 334 page
background image
 1997-2013 Microchip Technology Inc.
DS30234E-page 51
PIC16C6X
5.0
I/O PORTS
Some pins for these I/O ports are multiplexed with an
alternate function(s) for the peripheral features on the
device. In general, when a peripheral is enabled, that
pin may not be used as a general purpose I/O pin.
5.1
PORTA and TRISA Register
All devices have a 6-bit wide PORTA, except for the
PIC16C61 which has a 5-bit wide PORTA.
Pin RA4/T0CKI is a Schmitt Trigger input and an open
drain output. All other RA port pins have TTL input lev-
els and full CMOS output drivers. All pins have data
direction bits (TRIS registers) which can configure
these pins as output or input.
Setting a bit in the TRISA register puts the correspond-
ing output driver in a hi-impedance mode. Clearing a bit
in the TRISA register puts the contents of the output
latch on the selected pin.
Reading PORTA register reads the status of the pins
whereas writing to it will write to the port latch. All write
operations are read-modify-write operations. There-
fore, a write to a port implies that the port pins are read,
this value is modified, and then written to the port data
latch.
Pin RA4 is multiplexed with Timer0 module clock input
to become the RA4/T0CKI pin.
EXAMPLE 5-1:
INITIALIZING PORTA
BCF
STATUS, RP0
;
BCF
STATUS, RP1
; PIC16C66/67 only
CLRF
PORTA
; Initialize PORTA by
; clearing output
; data latches
BSF
STATUS, RP0
; Select Bank 1
MOVLW
0xCF
; Value used to
; initialize data
; direction
MOVWF
TRISA
; Set RA<3:0> as inputs
; RA<5:4> as outputs
; TRISA<7:6> are always
; read as '0'.
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
FIGURE 5-1:
BLOCK DIAGRAM OF THE
RA3:RA0 PINS AND THE RA5
PIN
FIGURE 5-2:
BLOCK DIAGRAM OF THE
RA4/T0CKI PIN
Data
bus
Q
D
Q
CK
Q
D
Q
CK
QD
EN
P
N
WR
Port
WR
TRIS
Data Latch
TRIS Latch
RD TRIS
RD PORT
TTL
input
buffer
VSS
VDD
I/O pin(1)
Note 1:
I/O pins have protection diodes to VDD and
VSS.
2:
The PIC16C61 does not have an RA5 pin.
Data
bus
WR
PORT
WR
TRIS
RD PORT
Data Latch
TRIS Latch
RD TRIS
Schmitt
Trigger
input
buffer
N
VSS
I/O pin(1)
TMR0 clock input
Note 1: I/O pin has protection diodes to VSS only.
Q
D
Q
CK
Q
D
Q
CK
EN
QD
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com