Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C717 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16C717
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C717 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16C717_13 Datasheet HTML 17Page - Microchip Technology PIC16C717_13 Datasheet HTML 18Page - Microchip Technology PIC16C717_13 Datasheet HTML 19Page - Microchip Technology PIC16C717_13 Datasheet HTML 20Page - Microchip Technology PIC16C717_13 Datasheet HTML 21Page - Microchip Technology PIC16C717_13 Datasheet HTML 22Page - Microchip Technology PIC16C717_13 Datasheet HTML 23Page - Microchip Technology PIC16C717_13 Datasheet HTML 24Page - Microchip Technology PIC16C717_13 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 224 page
background image
 1999-2013 Microchip Technology Inc.
DS41120C-page 21
PIC16C717/770/771
2.2.2.8
PCON REGISTER
The Power Control (PCON) register contains a flag bit
to allow differentiation between a Power-on Reset
(POR) to an external MCLR Reset or WDT Reset.
Those devices with brown-out detection circuitry con-
tain an additional bit to differentiate a Brown-out Reset
condition from a Power-on Reset condition.
The PCON register also contains the frequency select
bit of the INTRC or ER oscillator.
REGISTER 2-8:
POWER CONTROL REGISTER (PCON: 8Eh)
Note:
BOR is unknown on Power-on Reset. It
must then be set by the user and checked
on subsequent RESETS to see if BOR is
clear, indicating a brown-out has occurred.
The BOR status bit is a don't care and is
not necessarily predictable if the brown-out
circuit is disabled (by clearing the BODEN
bit in the Configuration word).
U-0
U-0
U-0
U-0
R/W-1
U-0
R/W-q
R/W-q
—
—
—
—OSCF
—POR
BOR
bit 7
bit 0
bit 7-4
Unimplemented: Read as '0'
bit 3
OSCF: Oscillator Speed bit
INTRC Mode
1
= 4 MHz nominal
0
= 37 kHz nominal
ER Mode
1
= Oscillator frequency depends on the external resistor value on the OSC1 pin.
0
= 37 kHz nominal
All other modes
x
= Ignored
bit 2
Unimplemented: Read as '0'
bit 1
POR: Power-on Reset Status bit
1
= No Power-on Reset occurred
0
= A Power-on Reset occurred (must be set in software after a Power-on Reset occurs)
bit 0
BOR: Brown-out Reset Status bit (See Section 2.2.2.8 Note)
1
= No Brown-out Reset occurred
0
= A Brown-out Reset occurred (must be set in software after a Brown-out Reset occurs)
Legend:
q = Value depends on conditions
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com