Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F747 Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC16F747
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F747 Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC16F747 Datasheet HTML 44Page - Microchip Technology PIC16F747 Datasheet HTML 45Page - Microchip Technology PIC16F747 Datasheet HTML 46Page - Microchip Technology PIC16F747 Datasheet HTML 47Page - Microchip Technology PIC16F747 Datasheet HTML 48Page - Microchip Technology PIC16F747 Datasheet HTML 49Page - Microchip Technology PIC16F747 Datasheet HTML 50Page - Microchip Technology PIC16F747 Datasheet HTML 51Page - Microchip Technology PIC16F747 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 280 page
background image
PIC16F7X7
DS30498D-page 48
 2003-2013 Microchip Technology Inc.
4.7.4
EXITING SLEEP WITH AN
INTERRUPT
Any interrupt, such as WDT or INT0, will cause the part
to leave the Sleep mode.
The SCS bits are unaffected by a SLEEP command and
are the same before and after entering and leaving
Sleep. The clock source used after an exit from Sleep
is determined by the SCS bits.
4.7.4.1
Sequence of Events
If SCS<1:0> = 00:
1.
The device is held in Sleep until the CPU start-up
time-out is complete.
2.
If the primary system clock is configured as an
external oscillator (HS, XT, LP), then the OST will
be active waiting for 1024 clocks of the primary
system clock. While waiting for the OST, the
device will be held in Sleep unless Two-Speed
Start-up is enabled. The OST and CPU start-up
timers run in parallel. Refer to Section 15.17.3
“Two-Speed Clock Start-up Mode” for details
on Two-Speed Start-up.
3.
After both the CPU start-up timer and the
Oscillator Start-up Timer have timed out, the
device will exit Sleep and begin instruction
execution with the primary clock defined by the
FOSC bits.
If SCS<1:0> = 01 or 10:
1.
The device is held in Sleep until the CPU start-up
time-out is complete.
2.
After the CPU start-up timer has timed out, the
device will exit Sleep and begin instruction
execution with the selected oscillator mode.
Note:
If a user changes SCS<1:0> just before
entering Sleep mode, the system clock
used when exiting Sleep mode could be
different than the system clock used when
entering Sleep mode.
As an example, if SCS<1:0> = 01, T1OSC
is the system clock and the following
instructions are executed:
BCF
OSCCON,SCS0
SLEEP
then a clock change event is executed. If
the primary oscillator is XT, LP or HS, the
core will continue to run off T1OSC and
execute the SLEEP command.
When Sleep is exited, the part will resume
operation with the primary oscillator after
the OST has expired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com