Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F87 Datasheet(PDF) 99 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 99 Page - Microchip Technology

Back Button PIC16F87_13 Datasheet HTML 95Page - Microchip Technology PIC16F87_13 Datasheet HTML 96Page - Microchip Technology PIC16F87_13 Datasheet HTML 97Page - Microchip Technology PIC16F87_13 Datasheet HTML 98Page - Microchip Technology PIC16F87_13 Datasheet HTML 99Page - Microchip Technology PIC16F87_13 Datasheet HTML 100Page - Microchip Technology PIC16F87_13 Datasheet HTML 101Page - Microchip Technology PIC16F87_13 Datasheet HTML 102Page - Microchip Technology PIC16F87_13 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 230 page
background image
 2002-2013 Microchip Technology Inc.
DS30487D-page 99
PIC16F87/88
11.1
AUSART Baud Rate Generator
(BRG)
The BRG supports both the Asynchronous and
Synchronous modes of the AUSART. It is a dedicated
8-bit Baud Rate Generator. The SPBRG register
controls the period of a free running 8-bit timer. In Asyn-
chronous mode, bit BRGH (TXSTA<2>) also controls
the baud rate. In Synchronous mode, bit BRGH is
ignored. Table 11-1 shows the formula for computation
of the baud rate for different AUSART modes which
only apply in Master mode (internal clock).
Given the desired baud rate and FOSC, the nearest
integer value for the SPBRG register can be calculated
using the formula in Table 11-1. From this, the error in
baud rate can be determined.
It may be advantageous to use the high baud rate
(BRGH = 1) even for slower baud clocks. This is
because the FOSC/(16(X + 1)) equation can reduce the
baud rate error in some cases.
Writing a new value to the SPBRG register causes the
BRG timer to be reset (or cleared). This ensures the
BRG does not wait for a timer overflow before
outputting the new baud rate.
11.1.1
AUSART AND INTRC OPERATION
The PIC16F87/88 has an 8 MHz INTRC that can be
used as the system clock, thereby eliminating the need
for external components to provide the clock source.
When the INTRC provides the system clock, the AUS-
ART module will also use the INTRC as its system
clock.
Table 11-1
shows
some
of
the
INTRC
frequencies that can be used to generate the AUSART
module’s baud rate.
11.1.2
LOW-POWER MODE OPERATION
The system clock is used to generate the desired baud
rate; however, when a low-power mode is entered, the
low-power clock source may be operating at a different
frequency than in full power execution. In Sleep mode,
no clocks are present. This may require the value in
SPBRG to be adjusted.
11.1.3
SAMPLING
The data on the RB2/SDO/RX/DT pin is sampled three
times by a majority detect circuit to determine if a high
or a low level is present at the RX pin.
TABLE 11-1:
BAUD RATE FORMULA
TABLE 11-2:
REGISTERS ASSOCIATED WITH BAUD RATE GENERATOR
SYNC
BRGH = 0 (Low Speed)
BRGH = 1 (High Speed)
0
1
(Asynchronous) Baud Rate = FOSC/(64(X + 1))
(Synchronous) Baud Rate = FOSC/(4(X + 1))
Baud Rate = FOSC/(16(X + 1))
N/A
Legend: X = value in SPBRG (0 to 255)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
98h
TXSTA
CSRC
TX9
TXEN
SYNC
—BRGH
TRMT
TX9D
0000 -010
0000 -010
18h
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
0000 000x
99h
SPBRG
Baud Rate Generator Register
0000 0000
0000 0000
Legend:
x
= unknown, - = unimplemented, read as ‘0’. Shaded cells are not used by the BRG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com