Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC18F23K20
Description  Flash Memory Programming Specification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20 Datasheet(HTML) 1 Page - Microchip Technology

  PIC18F23K20 Datasheet HTML 1Page - Microchip Technology PIC18F23K20 Datasheet HTML 2Page - Microchip Technology PIC18F23K20 Datasheet HTML 3Page - Microchip Technology PIC18F23K20 Datasheet HTML 4Page - Microchip Technology PIC18F23K20 Datasheet HTML 5Page - Microchip Technology PIC18F23K20 Datasheet HTML 6Page - Microchip Technology PIC18F23K20 Datasheet HTML 7Page - Microchip Technology PIC18F23K20 Datasheet HTML 8Page - Microchip Technology PIC18F23K20 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
© 2009 Microchip Technology Inc.
Advance Information
DS41297F-page 1
PIC18F2XK20/4XK20
1.0
DEVICE OVERVIEW
This
document
includes
the
programming
specifications for the following devices:
• PIC18F23K20
• PIC18F24K20
• PIC18F25K20
• PIC18F26K20
• PIC18F43K20
• PIC18F44K20
• PIC18F45K20
• PIC18F46K20
2.0
PROGRAMMING OVERVIEW
The
PIC18F2XK20/4XK20
devices
can
be
pro-
grammed using either the high-voltage In-Circuit Serial
Programming™ (ICSP™) method or the low-voltage
ICSP method. Both methods can be done with the
device in the users’ system. The low-voltage ICSP
method is slightly different than the high-voltage
method and these differences are noted where applica-
ble. This programming specification applies to the
PIC18F2XK20/4XK20 devices in all package types.
2.1
Hardware Requirements
In High-Voltage ICSP mode, the PIC18F2XK20/4XK20
devices require two programmable power supplies:
one for VDD and one for MCLR/VPP/RE3. Both supplies
should have a minimum resolution of 0.25V. Refer to
Section 6.0
“AC/DC
Characteristics
Timing
Requirements for Program/Verify Test Mode” for
additional hardware parameters.
2.1.1
LOW-VOLTAGE ICSP
PROGRAMMING
In Low-Voltage ICSP mode, the PIC18F2XK20/4XK20
devices can be programmed using a single VDD source
in the operating range. The MCLR/VPP/RE3 does not
have to be brought to a different voltage, but can
instead be left at the normal operating voltage. Refer to
Section 6.0
“AC/DC
Characteristics
Timing
Requirements for Program/Verify Test Mode” for
additional hardware parameters.
2.2
Pin Diagrams
The pin diagrams for the PIC18F2XK20/4XK20 family
are shown in Figure 2-3 and Figure 2-4.
TABLE 2-1:
PIN DESCRIPTIONS (DURING PROGRAMMING): PIC18F2XK20/4XK20
Pin Name
During Programming
Pin Name
Pin Type
Pin Description
MCLR/VPP/RE3
VPP
P
Programming Enable
VDD(2)
VDD
P
Power Supply
VSS(2)
VSS
PGround
RB5
PGM
I
Low-Voltage ICSP™ input when LVP Configuration bit equals ‘1’(1)
RB6
PGC
I
Serial Clock
RB7
PGD
I/O
Serial Data
Legend: I = Input, O = Output, P = Power
Note 1:
See Figure 5-1 for more information.
2:
All power supply (VDD) and ground (VSS) pins must be connected.
Flash Memory Programming Specification


Similar Part No. - PIC18F23K20

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F23K20 MICROCHIP-PIC18F23K20 Datasheet
7Mb / 420P
28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F23K20 MICROCHIP-PIC18F23K20 Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F23K20 MICROCHIP-PIC18F23K20 Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
01/05/10
PIC18F23K20 MICROCHIP-PIC18F23K20 Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
01/05/10
PIC18F23K20-E/ML MICROCHIP-PIC18F23K20-E/ML Datasheet
7Mb / 420P
28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
More results

Similar Description - PIC18F23K20

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
EEPROM Memory Programming Specification
1996
HCSXXX MICROCHIP-HCSXXX Datasheet
395Kb / 28P
Memory Programming Specification
2004
DSPIC33F MICROCHIP-DSPIC33F Datasheet
988Kb / 80P
Flash Programming Specification
2007
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
FLASH Memory Programming Specification
2002
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
Flash Memory Programming Specification
2002 - 2003
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
EPROM Memory Programming Specification
2001
PIC16F87X MICROCHIP-PIC16F87X_02 Datasheet
199Kb / 22P
EEPROM Memory Programming Specification
2002
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
Flash Memory Programming Specification
01/05/10 2010
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
Flash Memory Programming Specification
11/29/11 2012
logo
Renesas Technology Corp
RX100 RENESAS-RX100 Datasheet
1Mb / 71P
Flash memory programming software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com