Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-1200ZE-1TG144C Datasheet(PDF) 49 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-1TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-1TG144C Datasheet(HTML) 49 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-1TG144C Datasheet HTML 45Page - Lattice Semiconductor LCMXO2-1200ZE-1TG144C Datasheet HTML 46Page - Lattice Semiconductor LCMXO2-1200ZE-1TG144C Datasheet HTML 47Page - Lattice Semiconductor LCMXO2-1200ZE-1TG144C Datasheet HTML 48Page - Lattice Semiconductor LCMXO2-1200ZE-1TG144C Datasheet HTML 49Page - Lattice Semiconductor LCMXO2-1200ZE-1TG144C Datasheet HTML 50Page - Lattice Semiconductor LCMXO2-1200ZE-1TG144C Datasheet HTML 51Page - Lattice Semiconductor LCMXO2-1200ZE-1TG144C Datasheet HTML 52Page - Lattice Semiconductor LCMXO2-1200ZE-1TG144C Datasheet HTML 53Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 106 page
background image
3-10
DC and Switching Characteristics
MachXO2 Family Data Sheet
LVDS Emulation
MachXO2 devices can support LVDS outputs via emulation (LVDS25E). The output is emulated using complemen-
tary LVCMOS outputs in conjunction with resistors across the driver outputs on all devices. The scheme shown in
Figure 3-1 is one possible solution for LVDS standard implementation. Resistor values in Figure 3-1 are industry
standard values for 1% resistors.
Figure 3-1. LVDS Using External Resistors (LVDS25E)
Table 3-1. LVDS25E DC Conditions
Over Recommended Operating Conditions
Parameter
Description
Typ.
Units
ZOUT
Output impedance
20
Ohms
RS
Driver series resistor
158
Ohms
RP
Driver parallel resistor
140
Ohms
RT
Receiver termination
100
Ohms
VOH
Output high voltage
1.43
V
VOL
Output low voltage
1.07
V
VOD
Output differential voltage
0.35
V
VCM
Output common mode voltage
1.25
V
ZBACK
Back impedance
100.5
Ohms
IDC
DC output current
6.03
mA
158
158
Zo = 100
140
100
On-chip
On-chip
Off-chip
Off-chip
VCCIO = 2.5
8mA
8mA
Note: All resistors are ±1%.
VCCIO = 2.5
+
-
Emulated
LVDS
Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com