Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6525 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC18F6525
Description  64/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6525 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18F6525 Datasheet HTML 17Page - Microchip Technology PIC18F6525 Datasheet HTML 18Page - Microchip Technology PIC18F6525 Datasheet HTML 19Page - Microchip Technology PIC18F6525 Datasheet HTML 20Page - Microchip Technology PIC18F6525 Datasheet HTML 21Page - Microchip Technology PIC18F6525 Datasheet HTML 22Page - Microchip Technology PIC18F6525 Datasheet HTML 23Page - Microchip Technology PIC18F6525 Datasheet HTML 24Page - Microchip Technology PIC18F6525 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 400 page
background image
 2003-2013 Microchip Technology Inc.
DS39612C-page 21
PIC18F6525/6621/8525/8621
2.0
OSCILLATOR
CONFIGURATIONS
2.1
Oscillator Types
The PIC18F6525/6621/8525/8621 devices can be
operated in twelve different oscillator modes. The user
can program four configuration bits (FOSC3, FOSC2,
FOSC1 and FOSC0) to select one of these eight
modes:
1.
LP
Low-Power Crystal
2.
XT
Crystal/Resonator
3.
HS
High-Speed Crystal/Resonator
4.
RC
External Resistor/Capacitor
5.
EC
External Clock
6.
ECIO
External Clock with I/O pin
enabled
7.
HS+PLL
High-Speed Crystal/Resonator
with PLL enabled
8.
RCIO
External Resistor/Capacitor with
I/O pin enabled
9.
ECIO+SPLL External Clock with software
controlled PLL
10. ECIO+PLL
External Clock with PLL and I/O
pin enabled
11. HS+SPLL
High-Speed Crystal/Resonator
with software control
12. RCIO
External Resistor/Capacitor with
I/O pin enabled
2.2
Crystal Oscillator/Ceramic
Resonators
In XT, LP, HS, HS+PLL or HS+SPLL Oscillator modes, a
crystal or ceramic resonator is connected to the OSC1
and OSC2 pins to establish oscillation. Figure 2-1 shows
the pin connections.
The PIC18F6525/6621/8525/8621 oscillator design
requires the use of a parallel cut crystal.
FIGURE 2-1:
CRYSTAL/CERAMIC
RESONATOR OPERATION
(HS, XT OR LP
CONFIGURATION)
TABLE 2-1:
CAPACITOR SELECTION FOR
CERAMIC RESONATORS
Note:
Use of a series cut crystal may give a
frequency out of the crystal manufacturers
specifications.
Ranges Tested:
Mode
Freq
C1
C2
XT
455 kHz
2.0 MHz
4.0 MHz
68-100 pF
15-68 pF
15-68 pF
68-100 pF
15-68 pF
15-68 pF
HS
8.0 MHz
16.0 MHz
10-68 pF
10-22 pF
10-68 pF
10-22 pF
These values are for design guidance only.
See notes following this table.
Resonators Used:
2 kHz
8 MHz
4 MHz
16 MHz
Note 1: Higher capacitance increases the stability
of the oscillator but also increases the
start-up time.
2: When operating below 3V VDD, or when
using certain ceramic resonators at any
voltage, it may be necessary to use high
gain HS mode, try a lower frequency
resonator or switch to a crystal oscillator.
3: Since each resonator/crystal has its own
characteristics, the user should consult the
resonator/crystal manufacturer for appro-
priate values of external components or
verify oscillator performance.
Note
1:
See Table 2-1 and Table 2-2 for
recommended values of C1 and C2.
2:
A series resistor (RS) may be required for
AT strip cut crystals.
3:
RF varies with the oscillator mode chosen.
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF
(3)
Sleep
To
Logic
PIC18F6X2X/8X2X
RS(2)
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com