Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6621 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC18F6621
Description  64/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6621 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC18F6621 Datasheet HTML 35Page - Microchip Technology PIC18F6621 Datasheet HTML 36Page - Microchip Technology PIC18F6621 Datasheet HTML 37Page - Microchip Technology PIC18F6621 Datasheet HTML 38Page - Microchip Technology PIC18F6621 Datasheet HTML 39Page - Microchip Technology PIC18F6621 Datasheet HTML 40Page - Microchip Technology PIC18F6621 Datasheet HTML 41Page - Microchip Technology PIC18F6621 Datasheet HTML 42Page - Microchip Technology PIC18F6621 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 400 page
background image
 2003-2013 Microchip Technology Inc.
DS39612C-page 39
PIC18F6525/6621/8525/8621
4.0
MEMORY ORGANIZATION
There are three memory blocks in PIC18F6525/6621/
8525/8621 devices. They are:
• Program Memory
• Data RAM
• Data EEPROM
Data and program memory use separate busses which
allow for concurrent access of these blocks. Additional
detailed information for Flash program memory and
data EEPROM is provided in Section 5.0 “Flash
Program Memory” and Section 7.0 “Data EEPROM
Memory”, respectively.
In addition to on-chip Flash, the PIC18F8525/8621
devices are also capable of accessing external
program memory through an external memory bus.
Depending on the selected operating mode (discussed
in
Section 4.1.1
“PIC18F6525/6621/8525/8621
Program Memory Modes”), the controllers may
access either internal or external program memory
exclusively, or both internal and external memory in
selected blocks. Additional information on the external
memory interface is provided in Section 6.0 “External
Memory Interface”.
4.1
Program Memory Organization
A 21-bit program counter is capable of addressing the
2-Mbyte program memory space. Accessing a location
between the physically implemented memory and the
2-Mbyte address will cause a read of all ‘0’s (a NOP
instruction).
The
PIC18F6525
and
PIC18F8525
each
have
48 Kbytes
of
on-chip
Flash
memory,
while
the
PIC18F6621 and PIC18F8621 have 64 Kbytes of Flash.
This means that PIC18FX525 devices can store inter-
nally up to 24,576 single-word instructions and
PIC18FX621 devices can store up to 32,768 single-word
instructions.
The Reset vector address is at 0000h and the interrupt
vector addresses are at 0008h and 0018h.
Figure 4-1 shows the program memory map for
PIC18FX525 devices, while Figure 4-2 shows the
program memory map for PIC18FX621 devices.
4.1.1
PIC18F6525/6621/8525/8621
PROGRAM MEMORY MODES
PIC18F8525/8621 devices differ significantly from their
PIC18 predecessors in their utilization of program
memory. In addition to available on-chip Flash program
memory, these controllers can also address up to
2 Mbytes of external program memory through the
external memory interface. There are four distinct
operating modes available to the controllers:
• Microprocessor (MP)
• Microprocessor with Boot Block (MPBB)
• Extended Microcontroller (EMC)
• Microcontroller (MC)
The Program Memory mode is determined by setting
the two Least Significant bits of the CONFIG3L
Configuration Byte register as shown in Register 4-1
(see Section 24.1 “Configuration Bits” for additional
details on the device configuration bits).
The Program Memory modes operate as follows:
•The Microprocessor Mode permits access only
to external program memory; the contents of the
on-chip Flash memory are ignored. The 21-bit
program counter permits access to a 2-Mbyte
linear program memory space.
• The Microprocessor with Boot Block Mode
accesses on-chip Flash memory from addresses
000000h to 0007FFh. Above this, external program
memory is accessed all the way up to the 2-Mbyte
limit. Program execution automatically switches
between the two memories as required.
• The Microcontroller Mode accesses only
on-chip Flash memory. Attempts to read above the
physical limit of the on-chip Flash (BFFFh for the
PIC18FX525, FFFFh for the PIC18FX621) causes
a read of all ‘0’s (a NOP instruction).
The Microcontroller mode is also the only operating
mode available to PIC18F6525/6621 devices.
•The Extended Microcontroller Mode allows
access to both internal and external program
memories as a single block. The device can
access its entire on-chip Flash memory; above
this, the device accesses external program
memory up to the 2-Mbyte program space limit.
As with Boot Block mode, execution automatically
switches between the two memories as required.
In all modes, the microcontroller has complete access
to data RAM and EEPROM.
Figure 4-3 compares the memory maps of the different
program memory modes. The differences between
on-chip and external memory access limitations are
more fully explained in Table 4-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com