Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA301-I/P Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC24FV32KA301-I/P
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301-I/P Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC24FV32KA301-I/P Datasheet HTML 45Page - Microchip Technology PIC24FV32KA301-I/P Datasheet HTML 46Page - Microchip Technology PIC24FV32KA301-I/P Datasheet HTML 47Page - Microchip Technology PIC24FV32KA301-I/P Datasheet HTML 48Page - Microchip Technology PIC24FV32KA301-I/P Datasheet HTML 49Page - Microchip Technology PIC24FV32KA301-I/P Datasheet HTML 50Page - Microchip Technology PIC24FV32KA301-I/P Datasheet HTML 51Page - Microchip Technology PIC24FV32KA301-I/P Datasheet HTML 52Page - Microchip Technology PIC24FV32KA301-I/P Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 364 page
background image
TABLE 4-21:
CRC REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
CRCCON1
0640
CRCEN
—
CSIDL
VWORD4 VWORD3 VWORD2 VWORD1 VWORD0 CRCFUL CRCMPT CRCISEL CRCGO LENDIAN
—
—
—
0000
CRCCON2
0642
—
—
—
DWIDTH4 DWIDTH3 DWIDTH2 DWIDTH1 DWIDTH0
—
—
—
PLEN4
PLEN3
PLEN2
PLEN1
PLEN0
0000
CRCXORL
0644
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
X2
X1
—
0000
CRCXORH
0646
X31
X30
X29
X28
X27
X26
X25
X24
X23
X22
X21
X20
X19
X18
X17
X16
0000
CRCDATL
0648
CRCDATL
xxxx
CRCDATH
064A
CRCDATH
xxxx
CRCWDATL
064C
CRCWDATL
xxxx
CRCWDATH
064E
CRCWDATH
xxxx
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-22:
CLOCK CONTROL REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
RCON
0740
TRAPR IOPUWR SBOREN
RETEN
—
DPSLP
CM
PMSLP
EXTR
SWR
SWDTEN
WDTO
SLEEP
IDLE
BOR
POR
(Note 1)
OSCCON
0742
—
COSC2
COSC1
COSC0
—
NOSC2 NOSC1
NOSC0 CLKLOCK
—LOCK
—
CF
SOSCDRV SOSCEN
OSWEN (Note 2)
CLKDIV
0744
ROI
DOZE2
DOZE1
DOZE0
DOZEN
RCDIV2 RCDIV1 RCDIV0
—
—
—
—
—
—
—
—
3140
OSCTUN
0748
—
—
—
—
—
—
—
—
—
—
TUN5
TUN4
TUN3
TUN2
TUN1
TUN0
0000
REFOCON
074E
ROEN
—
ROSSLP
ROSEL
RODIV3 RODIV2 RODIV1 RODIV0
—
—
—
—
—
—
—
—
0000
HLVDCON
0756
HLVDEN
—HLSIDL
—
—
—
—
—
VDIR
BGVST
IRVST
—
HLVDL3
HLVDL2
HLVDL1
HLVDL0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
RCON register Reset values are dependent on the type of Reset.
2:
OSCCON register Reset values are dependent on the Configuration Fuses and by type of Reset.
TABLE 4-23:
DEEP SLEEP REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
DSCON
0758
DSEN
—
—
—
—
—
—
RTCCWDIS
—
—
—
—
ULPWDIS
DSBOR
RELEASE
0000
DSWAKE
075A
—
—
—
—
—
—
—
DSINT0
DSFLT
—
—
DSWDT DSRTCC
DSMCLR
—
DSPOR
0000
DSGPR0(1)
075C
DSGPR0
0000
DSGPR1(1)
075E
DSGPR1
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
The Deep Sleep registers, DSGPR0 and DSGPR1, are only reset on a VDD POR event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com