Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA302-I/ML Datasheet(PDF) 185 Page - Microchip Technology

Part # PIC24FV32KA302-I/ML
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA302-I/ML Datasheet(HTML) 185 Page - Microchip Technology

Back Button PIC24FV32KA302-I/ML Datasheet HTML 181Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 182Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 183Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 184Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 185Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 186Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 187Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 188Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 364 page
background image
 2011-2013 Microchip Technology Inc.
DS39995D-page 185
PIC24FV32KA304 FAMILY
19.0 REAL-TIME CLOCK AND
CALENDAR (RTCC)
The RTCC provides the user with a Real-Time Clock
and Calendar (RTCC) function that can be calibrated.
Key features of the RTCC module are:
• Operates in Deep Sleep mode
• Selectable clock source
• Provides hours, minutes and seconds using
24-hour format
• Visibility of one half second period
• Provides calendar – weekday, date, month
and year
• Alarm-configurable for half a second, one second,
10 seconds, one minute, 10 minutes, one hour,
one day, one week, one month or one year
• Alarm repeat with decrementing counter
• Alarm with indefinite repeat chime
• Year 2000 to 2099 leap year correction
• BCD format for smaller software overhead
• Optimized for long-term battery operation
• User calibration of the 32.768 kHz clock
crystal/32K INTRC frequency with periodic
auto-adjust
• Optimized for long-term battery operation
• Fractional second synchronization
• Calibration to within ±2.64 seconds error per
month
• Calibrates up to 260 ppm of crystal error
• Ability to periodically wake-up external devices
without CPU intervention (external power control)
• Power control output for external circuit control
• Calibration takes effect every 15 seconds
• Runs from any one of the following:
- External Real-Time Clock of 32.768 kHz
- Internal 31.25 kHz LPRC Clock
- 50 Hz or 60 Hz External Input
19.1
RTCC Source Clock
The user can select between the SOSC crystal
oscillator, LPRC internal oscillator or an external
50 Hz/60 Hz power line input as the clock reference for
the RTCC module. This gives the user an option to trade
off system cost, accuracy and power consumption,
based on the overall system needs.
FIGURE 19-1:
RTCC BLOCK DIAGRAM
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information on the
Real-Time Clock and Calendar, refer to the
“PIC24F
Family
Reference
Manual”,
Section 29. “Real-Time Clock and
Calendar (RTCC)” (DS39696).
RTCC Clock Domain
CPU Clock Domain
RTCC
RTCC Prescalers
RTCC Timer
Comparator
Alarm Registers with Masks
Repeat Counter
0.5 Sec
RTCC Interrupt Logic
ALRMVAL
RTCVAL
ALCFGRPT
RCFGCAL
Alarm
Event
YEAR
MTHDY
WKDYHR
MINSEC
ALMTHDY
ALWDHR
ALMINSEC
RTCC
Interrupt
RTCOUT<1:0>
RTCOE
Clock Source
1s
Pin
Alarm Pulse
Input from
SOSC/LPRC
Oscillator or
External Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com