Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA302-I/SS Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC24FV32KA302-I/SS
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA302-I/SS Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC24FV32KA302-I/SS Datasheet HTML 11Page - Microchip Technology PIC24FV32KA302-I/SS Datasheet HTML 12Page - Microchip Technology PIC24FV32KA302-I/SS Datasheet HTML 13Page - Microchip Technology PIC24FV32KA302-I/SS Datasheet HTML 14Page - Microchip Technology PIC24FV32KA302-I/SS Datasheet HTML 15Page - Microchip Technology PIC24FV32KA302-I/SS Datasheet HTML 16Page - Microchip Technology PIC24FV32KA302-I/SS Datasheet HTML 17Page - Microchip Technology PIC24FV32KA302-I/SS Datasheet HTML 18Page - Microchip Technology PIC24FV32KA302-I/SS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 364 page
background image
 2011-2013 Microchip Technology Inc.
DS39995D-page 15
PIC24FV32KA304 FAMILY
FIGURE 1-1:
PIC24FV32KA304 FAMILY GENERAL BLOCK DIAGRAM
Instruction
Decode and
Control
16
PCH
16
Program Counter
23
24
Data Bus
16
Divide
Support
16
16
16
8
Interrupt
Controller
Stack
Control
Logic
Repeat
Control
Logic
Data Latch
Data RAM
Address
Latch
16
Address Bus
23
Control Signals
16
16
16 x 16
W Reg Array
Multiplier
17x17
PORTA(1)
RA<0:7>
PORTB(1)
RB<0:15>
Note 1:
All pins or features are not implemented on all device pinout configurations. See Table 1-3 for I/O port
pin descriptions.
Comparators
Timer4/5
Timer2/3
CTMU
IC1-3
A/D
12-Bit
PWM/
SPI1
I2C1
CN1-22(1)
UART1/2
OSCI/CLKI
OSCO/CLKO
VDD, VSS
Timing
Generation
MCLR
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
BOR
FRC/LPRC
Oscillators
DSWDT
Timer1
RTCC
REFO
OC1-3
HLVD
PORTC(1)
RC<9:0>
Precision
Reference
Band Gap
Voltage
VCAP
Regulator
PSV and Table
Data Access
Control Block
Address Latch
Program Memory
Data Latch
Data EEPROM
PCL
Read AGU
Write AGU
EA MUX
16-Bit ALU
Inst Register
Inst Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com