Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25VF020B Datasheet(PDF) 2 Page - Microchip Technology

Part # SST25VF020B
Description  2 Mbit SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF020B Datasheet(HTML) 2 Page - Microchip Technology

  SST25VF020B_13 Datasheet HTML 1Page - Microchip Technology SST25VF020B_13 Datasheet HTML 2Page - Microchip Technology SST25VF020B_13 Datasheet HTML 3Page - Microchip Technology SST25VF020B_13 Datasheet HTML 4Page - Microchip Technology SST25VF020B_13 Datasheet HTML 5Page - Microchip Technology SST25VF020B_13 Datasheet HTML 6Page - Microchip Technology SST25VF020B_13 Datasheet HTML 7Page - Microchip Technology SST25VF020B_13 Datasheet HTML 8Page - Microchip Technology SST25VF020B_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
©2013 Silicon Storage Technology, Inc.
DS20005054C
04/13
2
2 Mbit SPI Serial Flash
SST25VF020B
Data Sheet
Product Description
The 25 series Serial Flash family features a four-wire, SPI-compatible interface that allows for a low
pin-count package which occupies less board space and ultimately lowers total system costs. The
SST25VF020B devices are enhanced with improved operating frequency and even lower power con-
sumption. SST25VF020B SPI serial flash memories are manufactured with SST proprietary, high-per-
formance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector
attain better reliability and manufacturability compared with alternate approaches.
The SST25VF020B devices significantly improve performance and reliability, while lowering power
consumption. The devices write (Program or Erase) with a single power supply of 2.7-3.6V for
SST25VF020B. The total energy consumed is a function of the applied voltage, current, and time of
application. Since for any given voltage range, the SuperFlash technology uses less current to pro-
gram and has a shorter erase time, the total energy consumed during any Erase or Program operation
is less than alternative flash memory technologies.
The SST25VF020B device is offered in 8-lead SOIC (150 mils) 8-contact WSON (6mm x 5mm), and 8-
contact USON (3mm x 2mm) packages. See Figure 2 for pin assignments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com