Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

26VF064B-I/MF Datasheet(PDF) 21 Page - Microchip Technology

Part # 26VF064B-I/MF
Description  3.0V Serial Quad I/O (SQI) Flash Memory
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

26VF064B-I/MF Datasheet(HTML) 21 Page - Microchip Technology

Back Button 26VF064B-I/MF Datasheet HTML 17Page - Microchip Technology 26VF064B-I/MF Datasheet HTML 18Page - Microchip Technology 26VF064B-I/MF Datasheet HTML 19Page - Microchip Technology 26VF064B-I/MF Datasheet HTML 20Page - Microchip Technology 26VF064B-I/MF Datasheet HTML 21Page - Microchip Technology 26VF064B-I/MF Datasheet HTML 22Page - Microchip Technology 26VF064B-I/MF Datasheet HTML 23Page - Microchip Technology 26VF064B-I/MF Datasheet HTML 24Page - Microchip Technology 26VF064B-I/MF Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
 2013 Microchip Technology Inc.
Advance Information
DS25119C-page 21
SST26VF064B / SST26VF064BA
5.12
SPI Dual-Output Read
The SPI Dual-Output Read instruction supports up to
104 MHz frequency. Initiate SPI Dual-Output Read by
executing an 8-bit command, 3BH, followed by address
bits A[23-0] and a dummy byte. CE# must remain
active low for the duration of the SPI Dual-Output Read
operation. See Figure 5-13 for the SPI Quad Output
Read sequence.
Following the dummy byte, the SST26VF064B/064BA
outputs data from SIO[1:0] starting from the specified
address location. The device continually streams data
output through all addresses until terminated by a low-
to-high transition on CE#. The internal address pointer
automatically increments until the highest memory
address is reached, at which point the address pointer
returns to the beginning of the address space.
FIGURE 5-13:
FAST READ, DUAL-OUTPUT SEQUENCE
5.13
SPI Dual I/O Read
The SPI Dual I/O Read (SDIOR) instruction supports
up to 80 MHz frequency. Initiate SDIOR by executing
an 8-bit command, BBH. The device then switches to
2-bit I/O mode for address bits A[23-0], followed by the
Set Mode configuration bits M[7:0], and two dummy
bytes.CE# must remain active low for the duration of
the SPI Dual I/O Read. See Figure 5-14 for the SPI
Dual I/O Read sequence.
Following the dummy bytes, the SST26VF064B/064BA
outputs data from the specified address location. The
device continually streams data output through all
addresses until terminated by a low-to-high transition
on CE#. The internal address pointer automatically
increments until the highest memory address is
reached, at which point the address pointer returns to
the beginning of the address space.
The Set Mode Configuration bit M[7:0] indicates if the
next instruction cycle is another SPI Dual I/O Read
command. When M[7:0] = AXH, the device expects the
next continuous instruction to be another SDIOR com-
mand, BBH, and does not require the op-code to be
entered again. The host may set the next SDIOR cycle
by driving CE# low, then sending the two-bit wide input
for address A[23:0], followed by the Set Mode configu-
ration bits M[7:0], and two dummy cycles. After the two
dummy cycles, the device outputs the data starting
from the specified address location. There are no
restrictions on address location access.
When M[7:0] is any value other than AXH, the device
expects the next instruction initiated to be a command
instruction. To reset/exit the Set Mode configuration,
execute the Reset Quad I/O command, FFH. See Fig-
ure 5-15 for the SPI Dual I/O Read sequence when
M[7:0] = AXH.
CE#
SIO0
SCK
012345678
31 32
24
MODE 3
MODE 0
15 16
23
3BH
25119 F52.3
39 40 41
A[23:16]
A[15:8]
A[7:0]
b6 b5
b6 b5
SIO1
Address
OP Code
Data
Byte 0
Dummy
Data
Byte N
b3 b1
b3 b1
b7 b4
b7 b4
b2 b0
b2 b0
MSB
X
Note: MSB = Most Significant Bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com