Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC7116 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC7116
Description  3-1/2 Digit Analog-to-Digital Converters with Hold
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7116 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC7116_13 Datasheet HTML 7Page - Microchip Technology TC7116_13 Datasheet HTML 8Page - Microchip Technology TC7116_13 Datasheet HTML 9Page - Microchip Technology TC7116_13 Datasheet HTML 10Page - Microchip Technology TC7116_13 Datasheet HTML 11Page - Microchip Technology TC7116_13 Datasheet HTML 12Page - Microchip Technology TC7116_13 Datasheet HTML 13Page - Microchip Technology TC7116_13 Datasheet HTML 14Page - Microchip Technology TC7116_13 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
 2002-2012 Microchip Technology Inc.
DS21457D-page 11
TC7116/A/TC7117/A
3.2.1
SYSTEM TIMING
The clocking method used for the TC7116/TC7116A
and TC7117/TC7117A is shown in Figure . Three
clocking methods may be used:
1.
An external oscillator connected to Pin 40.
2.
A crystal between Pins 39 and 40.
3.
An RC network using all three pins.
The oscillator frequency is
4 before it clocks the
decade counters. It is then further divided to form the
three convert cycle phases: Signal Integrate (1000
counts), Reference De-integrate (0 to 2000 counts),
and Auto-Zero (1000 to 3000 counts). For signals less
than full scale, auto-zero gets the unused portion of ref-
erence de-integrate. This makes a complete measure
cycle of 4000 (16,000 clock pulses), independent of
input voltage. For 3 readings per second, an oscillator
frequency of 48kHz would be used.
To achieve maximum rejection of 60Hz pickup, the sig-
nal integrate cycle should be a multiple of 60Hz. Oscil-
lator frequencies of 240kHz, 120kHz, 80kHz, 60kHz,
48kHz, 40kHz, etc. should be selected. For 50Hz rejec-
tion,
oscillator
frequencies
of
200kHz,
100kHz,
66-2/3kHz, 50kHz, 40kHz, etc. would be suitable. Note
that 40kHz (2.5 readings per second) will reject both
50Hz and 60Hz.
3.2.2
HOLD READING INPUT
When HLDR is at a logic HIGH, the latch will not be
updated. Analog-to-Digital conversions will continue,
but will not be updated until HLDR is returned to LOW.
To continuously update the display, connect to TEST
(TC7116/TC7116A) or GROUND (TC7117/TC7117A),
or disconnect. This input is CMOS compatible with
70k
 typical resistance to TEST (TC7116/TC7116A) or
GROUND (TC7117/TC7117A).
FIGURE 3-6:
TC7117/TC7117A Digital Section
TC7117
TC7117A
4
39
OSC2
V+
Digital
GND
TEST
35
Clock
40
38
OSC3
OSC1
÷
HLDR
Control Logic
Typical Segment Output
Digital Ground
To
Segment
V+
0.5mA
8mA
37
21
500
Ω
V+
1
Latch
~70k
Ω
To Switch Drivers
From Comparator Output
Internal Digital Ground
Thousands
Hundreds
Tens
Units
7-Segment
Decode
7-Segment
Decode
7-Segment
Decode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com