Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2155 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP2155
Description  IrDA짰 Standard Protocol Stack Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP2155_13 Datasheet HTML 11Page - Microchip Technology MCP2155_13 Datasheet HTML 12Page - Microchip Technology MCP2155_13 Datasheet HTML 13Page - Microchip Technology MCP2155_13 Datasheet HTML 14Page - Microchip Technology MCP2155_13 Datasheet HTML 15Page - Microchip Technology MCP2155_13 Datasheet HTML 16Page - Microchip Technology MCP2155_13 Datasheet HTML 17Page - Microchip Technology MCP2155_13 Datasheet HTML 18Page - Microchip Technology MCP2155_13 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
 2001-2013 Microchip Technology Inc.
Preliminary
DS21690B-page 15
MCP2155
2.9.3
HOW DEVICES CONNECT
When two devices implementing the IrDA standard fea-
ture establish a connection using the IrCOMM protocol,
the process is analogous to connecting two devices
with serial ports using a cable. This is referred to as a
"point-to-point" connection. This connection is limited
to half-duplex operation because the IR transceiver
cannot transmit and receive at the same time. The pur-
pose of the IrDA protocol is to allow this half-duplex link
to emulate, as much as possible, a full-duplex connec-
tion. In general, this is done by dividing the data into
“packets”, or groups of data. These packets can then
be sent back and forth when needed without risk of col-
lision. The rules of how and when these packets are
sent constitute the IrDA protocols. The MCP2155 sup-
ports elements of this IrDA protocol to communicate
with other IrDA standard compatible devices.
When a wired connection is used, the assumption is
made that both sides have the same communications
parameters and features. A wired connection has no
need to identify the other connector, because it is
assumed that the connectors are properly connected.
In the IrDA standard, a connection process has been
defined to identify other IrDA compatible devices and
establish a communication link. There are three steps
that these two devices go through to make this connec-
tion. These are:
• Normal Disconnect Mode (NDM)
• Discovery Mode
• Normal Connect Mode (NCM)
Figure 2-10 shows the connection sequence.
2.9.3.1
Normal Disconnect Mode (NDM)
When two IrDA standard compatible devices come into
range they must first recognize each other. The basis
of this process is that one device has some task to
accomplish and the other device has a resource
needed to accomplish this task. One device is referred
to as a Primary device and the other is referred to as a
Secondary device. This distinction between Primary
device and Secondary device is important. It is the
responsibility of the Primary device to provide the
mechanism to recognize other devices. So the Primary
device must first poll for nearby IrDA standard compat-
ible devices. During this polling, the defaut baud rate of
9600 baud is used by both devices.
For example, if you want to print from an IrDA
equipped laptop to an IrDA printer utilizing the IrDA
standard feature, you would first bring your laptop in
range of the printer. In this case, the laptop is the one
that has something to do and the printer has the
resource to do it. The laptop is called the Primary
device and the printer is the Secondary device. Some
data-capable cellphones have IrDA standard infrared
ports. If you used such a cellphone with a Personal Dig-
ital Assistants (PDAs), the PDA that supports the IrDA
standard feature would be the Primary device and the
cellphone would be the Secondary device.
When a Primary device polls for another device, then a
nearby Secondary device may respond. When a Sec-
ondary device responds, the two devices are defined to
be in the Normal Disconnect Mode (NDM) state. NDM
is established by the Primary device broadcasting a
packet and waiting for a response. These broadcast
packets are numbered. Usually 6 or 8 packets are sent.
The first packet is number 0, the last packet is usually
number 5 or 7. After all the packets are sent, the Pri-
mary device then sends an ID packet which is not num-
bered.
The Secondary device waits for these packets, and
then responds to one of the packets. The packet it
responds to determines the “time slot” to be used by
the Secondary device. For example, if the Secondary
device responds after packet number 2, then the Sec-
ondary device will use time slot 2. If the Secondary
device responds after packet number 0, then the Sec-
ondary device will use time slot 0. This mechanism
allows the Primary device to recognize as many nearby
devices as there are time slots. The Primary device will
continue to generate time slots and the Secondary
device should continue to respond, even if there’s noth-
ing to do.
During NDM, the MCP2155 handles all of the
responses to the Primary device (see Figure 2-10),
without any communication with the Host controller.
The Host controller is inhibited by the CTS signal, of the
MCP2155, from sending data to the MCP2155.
Note 1: The MCP2155 can only be used to
implement a Secondary device.
2: The MCP2155 supports a system with
only one Secondary device having exclu-
sive use of the IrDA standard infrared link
(known as "point-to-point" communica-
tion).
3: The MCP2155 always takes time slot 2.
4: If another Secondary device is nearby,
the Primary device may fail to recognize
the MCP2155, or the Primary device may
not recognize either of the devices.
21690B.book Page 15 Thursday, January 10, 2013 1:06 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com