Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP87030 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP87030
Description  High-Speed N-Channel Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP87030 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP87030 Datasheet HTML 3Page - Microchip Technology MCP87030 Datasheet HTML 4Page - Microchip Technology MCP87030 Datasheet HTML 5Page - Microchip Technology MCP87030 Datasheet HTML 6Page - Microchip Technology MCP87030 Datasheet HTML 7Page - Microchip Technology MCP87030 Datasheet HTML 8Page - Microchip Technology MCP87030 Datasheet HTML 9Page - Microchip Technology MCP87030 Datasheet HTML 10Page - Microchip Technology MCP87030 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 2013 Microchip Technology Inc.
DS22328A-page 7
MCP87030
4.0
PACKAGING INFORMATION
4.1
Package Marking Information*
PIN 1
NNN
PIN 1
8-Lead PDFN (5x6x1.0 mm)
Example
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
*RoHS compliant using EU-RoHS exemption: 7(a) – Lead in high-melting-temperature-type solders
(i.e., lead-based alloys containing 85% by weight or more lead) can be found on the outer
packaging for this package.
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
3
e
87030
U/MF ^^
1234
256
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com