Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST38VF6402B Datasheet(PDF) 20 Page - Microchip Technology

Part # SST38VF6402B
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402B Datasheet(HTML) 20 Page - Microchip Technology

Back Button SST38VF6402B Datasheet HTML 16Page - Microchip Technology SST38VF6402B Datasheet HTML 17Page - Microchip Technology SST38VF6402B Datasheet HTML 18Page - Microchip Technology SST38VF6402B Datasheet HTML 19Page - Microchip Technology SST38VF6402B Datasheet HTML 20Page - Microchip Technology SST38VF6402B Datasheet HTML 21Page - Microchip Technology SST38VF6402B Datasheet HTML 22Page - Microchip Technology SST38VF6402B Datasheet HTML 23Page - Microchip Technology SST38VF6402B Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B
DS25002B-page 20
Preliminary
 2013 Microchip Technology Inc.
Note: Table 5-2 uses the following abbreviations:
X = Don’t care (VIL or VIH, but no other value.
BAX= Block Address; uses AMS-A15 address lines
WA = Word Address
WC = Word Count
PWAX = Password Address; PWAX = PWA0, PWA1, PWA2 or PWA3; A1 and A0 are used to select each 16-bit portion of the
password
PWDX = Password Data; PWDX = PSWD0, PWD1, PWD2, or PWD3
AMS = Most significant Address
11. Data = 00H unprotected block; Data = 01H protected block.
12. DQ0 = 0 means the Irreversible Block Lock command has been previously used. DQ0 = 1 means the Irreversible Block Lock
command has not yet been used.
13. DQ0 = 0 means that the Global Lock Bit is locked. DQ0 = 1 means that the Global Lock Bit is unlocked.
14. Both Software ID Exit operations are equivalent.
15. For Non-Uniform Boot Block devices (i.e. 8 KWord size), in the boot area, use BAX = Block Address.
16. DQ0 = 0 means protected; DQ0 = 1 means unprotected
17. Erases all NVPBs to ‘1’ (unprotected)
18. Entire two-bus cycle sequence must be entered for each portion of the password.
19. Entire password sequence required for validation. The word order doesn’t matter as long as the Address and Data pair
match.
20. Global Lock Bit must be ‘1’ before executing this command.
TABLE 5-3:
PROTECTION PRIORITY FOR MAIN ARRAY
NVPB1
1. X = protect or unprotect
VPB1
Protection State of Block
protect
X
protected
X
protect
protected
unprotect
unprotect
unprotected
TABLE 5-4:
CFI QUERY IDENTIFICATION STRING1 FOR SST38VF6401B/6402B/6403B/6404B
1. Refer to CFI publication 100 for more details.
Address
Data
Description
10H
0051H
Query Unique ASCII string “QRY”
11H
0052H
12H
0059H
13H
0002H
Primary OEM command set
14H
0000H
15H
0040H
Address for Primary Extended Table
16H
0000H
17H
0000H
Alternate OEM command set (00H = none exists)
18H
0000H
19H
0000H
Address for Alternate OEM Extended Table (00H = none exits)
1AH
0000H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com