Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC105 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC105
Description  PFM/PWM Step-Down DC/DC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC105 Datasheet(HTML) 5 Page - Microchip Technology

  TC105_13 Datasheet HTML 1Page - Microchip Technology TC105_13 Datasheet HTML 2Page - Microchip Technology TC105_13 Datasheet HTML 3Page - Microchip Technology TC105_13 Datasheet HTML 4Page - Microchip Technology TC105_13 Datasheet HTML 5Page - Microchip Technology TC105_13 Datasheet HTML 6Page - Microchip Technology TC105_13 Datasheet HTML 7Page - Microchip Technology TC105_13 Datasheet HTML 8Page - Microchip Technology TC105_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
 2001-2012 Microchip Technology Inc.
DS21349C-page 5
TC105
3.8
External Switching Transistor
Selection
EXT is a complementary output with a maximum ON
resistance of 22
 to V
DD when high and 19 to ground
when low. It is designed to directly drive a P-channel
MOSFET or a PNP bipolar transistor through a base
current limiting resistor (Figure 4-2). A PNP transistor is
recommended in applications where VIN is less than
2.5V. Otherwise, a P-channel MOSFET is preferred as
it affords the highest efficiency because it does not
draw any gate drive current. However, P-channel
MOSFETs are typically more expensive than bipolar
transistors.
P-channel MOSFET selection is determined mainly by
the on-resistance, gate-source threshold, and gate
charge requirements. Also, the drain-to-source and
gate-to-source breakdown voltage ratings must be
greater than VDDMAX. The total gate charge specifica-
tion should be less than 100nC for best efficiency. The
MOSFET must be capable of handling the required
peak inductor current, and should have a very low
on-resistance at that current. For example, an Si9430
MOSFET has a drain-to-source rating of -20V, and a
typical on-resistance rDSON of 0.07 at 2A, with VGS =
-4.5V. Table 4-1 lists suppliers of external components
recommended for use with the TC105.
3.8.1
BOARD LAYOUT GUIDELINES
As with all inductive switching regulators, the TC105
generates fast switching waveforms, which radiate
noise. Interconnecting lead lengths should be mini-
mized to keep stray capacitance, trace resistance and
radiated noise as low as possible. In addition, the GND
pin, input bypass capacitor and output filter capacitor
ground leads should be connected to a single point.
The input capacitor should be placed as close to power
and ground pins of the TC105 as possible. The length
of the EXT trace must also be kept as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com