Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC105333ECT Datasheet(PDF) 7 Page - Microchip Technology

Part # TC105333ECT
Description  PFM/PWM Step-Down DC/DC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC105333ECT Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC105333ECT Datasheet HTML 3Page - Microchip Technology TC105333ECT Datasheet HTML 4Page - Microchip Technology TC105333ECT Datasheet HTML 5Page - Microchip Technology TC105333ECT Datasheet HTML 6Page - Microchip Technology TC105333ECT Datasheet HTML 7Page - Microchip Technology TC105333ECT Datasheet HTML 8Page - Microchip Technology TC105333ECT Datasheet HTML 9Page - Microchip Technology TC105333ECT Datasheet HTML 10Page - Microchip Technology TC105333ECT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 2001-2012 Microchip Technology Inc.
DS21349C-page 7
TC105
FIGURE 4-3:
REGULATOR USING PNP TRANSISTOR
FIGURE 4-4:
REGULATOR USING P-CHANNEL MOSFET
TABLE 4-1:
SUGGESTED COMPONENTS AND SUPPLIERS
Type
Inductors
Capacitors
Diodes
Transistors
Surface Mount
Sumida
CD54 Series
CDRH Series
Coilcraft
DO Series
AVX
TPS Series
Sprague
595D Series
ON Semiconductor
MBRS340T3
Nihon
NSQ Series
Matsushita
MA737
Silconix
Little Foot MOSFET Series
Zetex FZT749
PNP Bipolar Transistor
Toshiba 2SA1213 PNP
Transistor
Miniature
Through-Hole
Sumida
RCH Series
Sanyo
OS-CON Series
IRC
OAR Series
Standard
Through-Hole
Coilcraft
PCH Series
Coiltronics
CTX Series
Nichicon
PL Series
United Chemi-Con
LXF Series
ON Semiconductor
TMOS Power MOSFETs
(i.e., MTP30P06V)
TC105
1
2
3
5
VIN
2.5V
4
VOUT
1.8V
ON
OFF
10
µF
16V
FZ749
Q1
22
µH
Sumida CD-54
MA737
47
µF
10V Tantalum
RSS
470K
CSS
0.033
µF
VOUT
VDD
EXT
GND
SHDN/SS
CB
2200 pF
RB
500
+
+
+
+
TC105
1
2
3
5
VIN
4
VOUT
ON
OFF
10
µF
16V
Si9430
P
22
µH
Sumida CD-54
MA737
47
µF
10V Tantalum
RSS
470K
CSS
0.033
µF
VOUT
VDD
EXT
GND
SHDN/SS
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com