Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC2014 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC2014
Description  50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2014 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC2014_13 Datasheet HTML 2Page - Microchip Technology TC2014_13 Datasheet HTML 3Page - Microchip Technology TC2014_13 Datasheet HTML 4Page - Microchip Technology TC2014_13 Datasheet HTML 5Page - Microchip Technology TC2014_13 Datasheet HTML 6Page - Microchip Technology TC2014_13 Datasheet HTML 7Page - Microchip Technology TC2014_13 Datasheet HTML 8Page - Microchip Technology TC2014_13 Datasheet HTML 9Page - Microchip Technology TC2014_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TC2014/2015/2185
DS21662F-page 6
 2001-2012 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = VR + 1V, IL = 100 µA, COUT = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-13:
Supply Current vs. Junction
Temperature.
FIGURE 2-14:
Output Voltage vs. Junction
Temperature.
FIGURE 2-15:
Load Regulation vs.
Junction Temperature.
FIGURE 2-16:
Dropout Voltage vs.
Junction Temperature.
FIGURE 2-17:
Load Transient Response.
(COUT = 1 µF).
FIGURE 2-18:
Load Transient Response.
(COUT = 10 µF).
45
48
51
54
57
60
Junction Temperature (°C)
VR = 5.0V
COUT = 3.3 µF
VIN = 6.0V
4.93
4.94
4.95
4.96
4.97
4.98
4.99
5.00
5.01
Junction Temperature (°C)
IL = 100 mA
VR = 5.0V
COUT = 3.3 µF
VIN = 6.0V
IL = 150 mA
IL = 0.1 mA
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
Junction Temperature (°C)
VR = 5.0V
COUT = 3.3 µF
VIN = 6.0 V
IL = 50 mA
IL = 100 mA
IL = 150 mA
0.00
0.02
0.04
0.06
0.08
0.10
0.12
Junction Temperature (°C)
VR = 5.0V
COUT = 3.3 µF
IL = 50 mA
IL = 100 mA
IL = 150 mA
150mA
Load
100mA
Load Current
100mV/DIV
VIN = 3.8V
VOUT = 2.8V
CIN = 1 µF Ceramic
COUT = 1 µF Ceramic
Frequency = 1 kHz
VOUT
150mA
Load
100mA
Load Current
100mV / DIV
VIN = 3.0V
VOUT = 2.8V
CIN = 1 μF Ceramic
COUT = 10 μF Ceramic
Frequency = 10 kHz
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com