Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD5516ABC-3 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5516ABC-3
Description  16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5516ABC-3 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5516ABC-3 Datasheet HTML 2Page - Analog Devices AD5516ABC-3 Datasheet HTML 3Page - Analog Devices AD5516ABC-3 Datasheet HTML 4Page - Analog Devices AD5516ABC-3 Datasheet HTML 5Page - Analog Devices AD5516ABC-3 Datasheet HTML 6Page - Analog Devices AD5516ABC-3 Datasheet HTML 7Page - Analog Devices AD5516ABC-3 Datasheet HTML 8Page - Analog Devices AD5516ABC-3 Datasheet HTML 9Page - Analog Devices AD5516ABC-3 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
–6–
AD5516
PIN CONFIGURATION
A
B
C
D
E
F
G
H
J
K
11
10
9
8
7
6
5
4
3
2
1
TOP VIEW
A
B
C
D
E
F
G
H
J
K
11
10
9
8
7
6
5
4
3
2
1
LL
74-LEAD CSPBGA BALL CONFIGURATION
CSPBGA
Ball
CSPBGA
Ball
CSPBGA
Ball
CSPBGA
Ball
CSPBGA
Ball
Number
Name
Number
Name
Number
Name
Number
Name
Number
Name
NC = Not Internally Connected
A1
NC
A2
NC
A3
RESET
A4
BUSY
A5
DGND
A6
DVCC
A7
DOUT
A8
DIN
A9
SYNC
A10
NC
A11
NC
B1
NC
B2
NC
B3
NC
B4
DCEN
B5
DGND
B6
DGND
B7
NC
B8
NC
B9
SCLK
B10
NC
B11
REF_IN
C1
VOUT0
C2
DACGND
C6
NC
C10
AVCC1
C11
NC
D1
RFB0
D2
DACGND
D10
AVCC2
D11
NC
E1
VOUT1
E2
NC
E10
AGND1
E11
PD
F1
VOUT2
F2
RFB1
F10
AGND2
F11
RFB14
G1
RFB2
G2
RFB15
G10
VOUT14
G11
RFB13
H1
VOUT3
H2
VOUT15
H10
VOUT13
H11
VOUT12
J1
RFB3
J2
VOUT4
J6
NC
J10
RFB12
J11
RFB11
K1
RFB4
K2
VOUT5
K3
RFB5
K4
NC
K5
VSS2
K6
VSS1
K7
VOUT10
K8
VOUT9
K9
RFB10
K10
RFB9
K11
VOUT11
L1
NC
L2
VOUT6
L3
RFB6
L4
VOUT7
L5
NC
L6
VDD2
L7
VDD1
L8
RFB7
L9
VOUT8
L10
RFB8
L11
NC
PIN FUNCTION DESCRIPTIONS
Mnemonic
Function
AGND (1–2)
Analog GND Pins
AVCC (1–2)
Analog Supply Pins. Voltage range from 4.75 V to 5.25 V.
VDD (1–2)
VDD Supply Pins. Voltage range from 4.75 V to 15.75 V.
VSS (1–2)
VSS Supply Pins. Voltage range from –4.75 V to –15.75 V.
DGND
Digital GND Pins
DVCC
Digital Supply Pin. Voltage range from 2.7 V to 5.25 V.
DACGND
Reference GND Supply for All 16 DACs
REF_IN
Reference Input Voltage for All 16 DACs. The recommended value of REF_IN is 3 V.
VOUT (0–15)
Analog Output Voltages from the 16 DAC Channels
RFB (0–15)
Feedback Resistors. For nominal output voltage range, connect each RFB to its corresponding VOUT. Access to
the feedback resistors enables the user to increase the DAC current drive or generate programmable current
sources. They should not be used for gain adjustment.
SYNC
Active Low Input. This is the frame synchronization signal for the serial interface. While
SYNC is low, data is
transferred in on the falling edge of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com