Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPSW10 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPSW10
Description  One Watt High Voltage Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSW10 Datasheet(HTML) 1 Page - Motorola, Inc

  MPSW10 Datasheet HTML 1Page - Motorola, Inc MPSW10 Datasheet HTML 2Page - Motorola, Inc MPSW10 Datasheet HTML 3Page - Motorola, Inc MPSW10 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
One Watt High Voltage Transistor
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
300
Vdc
Collector – Base Voltage
VCBO
300
Vdc
Emitter – Base Voltage
VEBO
6.0
Vdc
Collector Current — Continuous
IC
500
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
1.0
8.0
Watt
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
2.5
20
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
125
°C/W
Thermal Resistance, Junction to Case
RqJC
50
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage(1)
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
300
Vdc
Collector–Base Breakdown Voltage
(IC = 100 µAdc, IE = 0)
V(BR)CBO
300
Vdc
Emitter–Base Breakdown Voltage
(IE = 100 µAdc, IC = 0)
V(BR)EBO
6.0
Vdc
Collector Cutoff Current
(VCB = 200 Vdc, IE = 0)
ICBO
0.2
µAdc
Emitter Cutoff Current
(VEB = 6.0 Vdc, IC = 0)
IEBO
0.1
µAdc
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
Order this document
by MPSW10/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPSW10
CASE 29–05, STYLE 1
TO–92 (TO–226AE)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
3
2
BASE
1
EMITTER


Similar Part No. - MPSW10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSW13 MOTOROLA-MPSW13 Datasheet
113Kb / 4P
One Watt Darlington Transistors
logo
ON Semiconductor
MPSW13 ONSEMI-MPSW13 Datasheet
57Kb / 4P
One Watt Darlington Transistor NPN Silicon
February, 2006 ??Rev. 4
MPSW13RLRA ONSEMI-MPSW13RLRA Datasheet
57Kb / 4P
One Watt Darlington Transistor NPN Silicon
February, 2006 ??Rev. 4
MPSW13RLRAG ONSEMI-MPSW13RLRAG Datasheet
57Kb / 4P
One Watt Darlington Transistor NPN Silicon
February, 2006 ??Rev. 4
logo
Motorola, Inc
MPSW14 MOTOROLA-MPSW14 Datasheet
113Kb / 4P
One Watt Darlington Transistors
More results

Similar Description - MPSW10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BDC01D MOTOROLA-BDC01D Datasheet
130Kb / 4P
One Watt Amplifier Transistor
BDC05 MOTOROLA-BDC05 Datasheet
141Kb / 4P
One Watt High Voltage Transistor
MPS6717 MOTOROLA-MPS6717 Datasheet
101Kb / 4P
One Watt Amplifier Transistor
MPSW42 MOTOROLA-MPSW42 Datasheet
140Kb / 4P
One Watt High Voltage Transistor
MPSW92 MOTOROLA-MPSW92 Datasheet
134Kb / 4P
One Watt High Voltage Transistor
logo
ON Semiconductor
MPSW42 ONSEMI-MPSW42 Datasheet
81Kb / 4P
One Watt High Voltage Transistor(NPN Silicon)
1998 REV 1
MPSW92 ONSEMI-MPSW92 Datasheet
59Kb / 4P
One Watt High Voltage Transistor(PNP Silicon)
March, 2001 ??Rev. 2
MPSW42 ONSEMI-MPSW42_10 Datasheet
102Kb / 4P
One Watt High Voltage Transistor
August, 2010 ??Rev. 7
MPSW92 ONSEMI-MPSW92_10 Datasheet
104Kb / 4P
One Watt High Voltage Transistor
August, 2010 ??Rev. 5
MPSW92RLRAG ONSEMI-MPSW92RLRAG Datasheet
104Kb / 4P
One Watt High Voltage Transistor
August, 2010 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com