Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9736BBCZ1 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9736BBCZ1
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBCZ1 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9736BBCZ1 Datasheet HTML 5Page - Analog Devices AD9736BBCZ1 Datasheet HTML 6Page - Analog Devices AD9736BBCZ1 Datasheet HTML 7Page - Analog Devices AD9736BBCZ1 Datasheet HTML 8Page - Analog Devices AD9736BBCZ1 Datasheet HTML 9Page - Analog Devices AD9736BBCZ1 Datasheet HTML 10Page - Analog Devices AD9736BBCZ1 Datasheet HTML 11Page - Analog Devices AD9736BBCZ1 Datasheet HTML 12Page - Analog Devices AD9736BBCZ1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 9 of 72
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
With
Respect to
Min
Max
AVDD33
AVSS
−0.3 V
+3.6 V
DVDD33
DVSS
−0.3 V
+3.6 V
DVDD18
DVSS
−0.3 V
+1.98 V
CVDD18
CVSS
−0.3 V
+1.98 V
AVSS
DVSS
−0.3 V
+0.3 V
AVSS
CVSS
−0.3 V
+0.3 V
DVSS
CVSS
−0.3 V
+0.3 V
CLK+, CLK−
CVSS
−0.3 V
CVDD18 + 0.18 V
PIN_MODE
DVSS
−0.3 V
DVDD33 + 0.3 V
DATACLK_IN,
DATACLK_OUT
DVSS
−0.3 V
DVDD33 + 0.3 V
LVDS Data Inputs
DVSS
−0.3 V
DVDD33 + 0.3 V
IOUTA, IOUTB
AVSS
−1.0 V
AVDD33 + 0.3 V
I120, VREF, IPTAT
AVSS
−0.3 V
AVDD33 + 0.3 V
IRQ, CSB, SCLK, SDO,
SDIO, RESET
DVSS
−0.3 V
DVDD33 + 0.3 V
Junction Temperature
150°C
Storage Temperature
−65°C
+150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum ratings for extended periods may effect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5. Thermal Resistance
Package Type
θJA1
Unit
160-Lead Ball, CSP_BGA
31.2
°C/W
1θJA measurement in still air.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
Note that this device in its current form does not meet Analog Devices’ standard requirements for ESD as measured against the charged
device model (CDM). As such, special care should be used when handling this product, especially in a manufacturing environment. Analog
Devices will provide a more ESD-hardy product in the near future at which time this warning will be removed from this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com