Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24LC16B Datasheet(PDF) 37 Page - Microchip Technology

Part # 24LC16B
Description  16K I2C??Serial EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC16B Datasheet(HTML) 37 Page - Microchip Technology

Back Button 24LC16B Datasheet HTML 32Page - Microchip Technology 24LC16B Datasheet HTML 33Page - Microchip Technology 24LC16B Datasheet HTML 34Page - Microchip Technology 24LC16B Datasheet HTML 35Page - Microchip Technology 24LC16B Datasheet HTML 36Page - Microchip Technology 24LC16B Datasheet HTML 37Page - Microchip Technology 24LC16B Datasheet HTML 38Page - Microchip Technology 24LC16B Datasheet HTML 39Page - Microchip Technology 24LC16B Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
 2002-2012 Microchip Technology Inc.
DS21703L-page 37
24AA16/24LC16B
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
24AA16:
= 1.7V, 16 Kbit I2C Serial EEPROM
24AA16T: = 1.7V, 16 Kbit I2C Serial EEPROM
(Tape and Reel)
24LC16B: = 2.5V, 16 Kbit I2C Serial EEPROM
24LC16BT: = 2.5V, 16 Kbit I2C Serial EEPROM
(Tape and Reel)
Temperature
Range:
I
= -40°C to +85°C
E
= -40°C to +125°C
Package:
P
= Plastic DIP (300 mil body), 8-lead
SN
= Plastic SOIC (3.90 mm body), 8-lead
ST
= Plastic TSSOP (4.4 mm), 8-lead
MS
= Plastic Micro Small Outline (MSOP),
8-lead
OT
= Plastic SOT-23, 5-lead (Tape and Reel
only)
MC
= Plastic DFN (2x3x0.90 mm body), 8-lead
MNY(1)
= Plastic TDFN, (2x3x0.75 mm body),
8-lead
CS16K (2) = Chip Scale (CS), 5-lead (I-temp, “AA”
Tape and Reel only)
Note 1: “Y” indicates a Nickel Palladium Gold (NiPdAu) finish.
2: “16K” indicates 160K technology.
Examples:
a)
24AA16-I/P: Industrial Temperature,1.7V,
PDIP package
b)
24AA16-I/SN: Industrial Temperature,1.7V,
SOIC package
c)
24AA16T-I/OT: Industrial Temperature,
1.7V, SOT-23 package, Tape and Reel
d)
24AA16T-I/CS16K: Industrial Temperature,
1.7V, Chip Scale package, Tape and Reel
e)
24LC16B-I/P: Industrial Temperature, 2.5V,
PDIP package
f)
24LC16B-E/SN: Automotive Temp.,2.5V
SOIC package
g)
24LC16BT-I/OT: Industrial Temperature,
2.5V, SOT-23 package, Tape and Reel
h)
24AA16T-E/SN: Automotive Temperature,
1.7V, SOIC package, Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com