Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

25LC010A Datasheet(PDF) 1 Page - Microchip Technology

Part # 25LC010A
Description  1K SPI Bus Serial EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC010A Datasheet(HTML) 1 Page - Microchip Technology

  25LC010A Datasheet HTML 1Page - Microchip Technology 25LC010A Datasheet HTML 2Page - Microchip Technology 25LC010A Datasheet HTML 3Page - Microchip Technology 25LC010A Datasheet HTML 4Page - Microchip Technology 25LC010A Datasheet HTML 5Page - Microchip Technology 25LC010A Datasheet HTML 6Page - Microchip Technology 25LC010A Datasheet HTML 7Page - Microchip Technology 25LC010A Datasheet HTML 8Page - Microchip Technology 25LC010A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
 2003-2012 Microchip Technology Inc.
DS21832H-page 1
25AA010A/25LC010A
Device Selection Table
Features:
• 10 MHz max. Clock Frequency
• Low-Power CMOS Technology:
- Max. Write Current: 5 mA at 5.5V, 10 MHz
- Read Current: 5 mA at 5.5V, 10 MHz
- Standby Current: 5
A at 5.5V
• 128 x 8-bit Organization
• Write Page mode (up to 16 bytes)
• Sequential Read
• Self-Timed Erase and Write Cycles (5 ms max.)
• Block Write Protection:
- Protect none, 1/4, 1/2 or all of array
• Built-In Write Protection:
- Power-on/off data protection circuitry
- Write enable latch
- Write-protect pin
• High Reliability:
- Endurance: 1,000,000 Erase/Write cycles
- Data retention: > 200 years
- ESD protection: > 4000V
• Temperature Ranges Supported:
• Pb-Free and RoHS Compliant
Pin Function Table
Description:
The Microchip Technology Inc. 25XX010A* is a 1 Kbit
Serial Electrically Erasable Programmable Read-Only
Memory (EEPROM). The memory is accessed via a
simple Serial Peripheral Interface (SPI) compatible
serial bus. The bus signals required are a clock input
(SCK) plus separate data in (SI) and data out (SO)
lines. Access to the device is controlled through a Chip
Select (CS) input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused,
transitions on its inputs will be ignored, with the
exception of Chip Select, allowing the host to service
higher priority interrupts.
The 25XX010A is available in standard packages
including 8-lead PDIP and SOIC, and advanced
packages including 8-lead MSOP, 8-lead TSSOP and
rotated TSSOP, 8-lead 2x3 DFN and TDFN, and 6-lead
SOT-23.
Package Types (not to scale)
Part Number
VCC Range
Page Size
Temp. Ranges
Packages
25AA010A
1.8-5.5V
16 Bytes
I
P, MS, SN, ST, MN, MC, OT
25LC010A
2.5-5.5V
16 Bytes
I, E
P, MS, SN, ST, MN, MC, OT
- Industrial (I):
-40
Cto +85C
- Automotive (E):
-40
Cto +125C
Name
Function
CS
Chip Select Input
SO
Serial Data Output
WP
Write-Protect
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock Input
HOLD
Hold Input
VCC
Supply Voltage
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
(P, SN)
VSS
1
2
3
4
6
5
VDD
CS
SO
(OT)
PDIP/SOIC
X-Rotated TSSOP
HOLD
VCC
CS
SO
1
2
3
4
8
7
6
5
SCK
SI
VSS
WP
(X/ST)
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
(ST, MS)
TSSOP/MSOP
SOT-23
SCK
SI
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
(MC, MN)
DFN/TDFN
1K SPI Bus Serial EEPROM
*25XX010A is used in this document as a generic part number
for the 25AA010A and the 25LC010A.


Similar Part No. - 25LC010A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC010A MICROCHIP-25LC010A Datasheet
485Kb / 28P
1K SPI Bus Serial EEPROM
2006
25LC010A MICROCHIP-25LC010A Datasheet
348Kb / 24P
1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
25LC010A-E/MC MICROCHIP-25LC010A-E/MC Datasheet
485Kb / 28P
1K SPI Bus Serial EEPROM
2006
25LC010A-E/MS MICROCHIP-25LC010A-E/MS Datasheet
485Kb / 28P
1K SPI Bus Serial EEPROM
2006
25LC010A-E/OT MICROCHIP-25LC010A-E/OT Datasheet
485Kb / 28P
1K SPI Bus Serial EEPROM
2006
More results

Similar Description - 25LC010A

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
1K/2K/4K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
25AA010A MICROCHIP-25AA010A Datasheet
485Kb / 28P
1K SPI Bus Serial EEPROM
2006
logo
Sanyo Semicon Device
LE25CB1282M SANYO-LE25CB1282M Datasheet
297Kb / 13P
Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LA322 SANYO-LE25LA322 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LB2562M SANYO-LE25LB2562M_10 Datasheet
254Kb / 14P
256Kbit Serial SPI EEPROM (SPI Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com