Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS606 Datasheet(PDF) 89 Page - Microchip Technology

Part # dsPIC33FJ32GS606
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS606 Datasheet(HTML) 89 Page - Microchip Technology

Back Button dsPIC33FJ32GS606 Datasheet HTML 85Page - Microchip Technology dsPIC33FJ32GS606 Datasheet HTML 86Page - Microchip Technology dsPIC33FJ32GS606 Datasheet HTML 87Page - Microchip Technology dsPIC33FJ32GS606 Datasheet HTML 88Page - Microchip Technology dsPIC33FJ32GS606 Datasheet HTML 89Page - Microchip Technology dsPIC33FJ32GS606 Datasheet HTML 90Page - Microchip Technology dsPIC33FJ32GS606 Datasheet HTML 91Page - Microchip Technology dsPIC33FJ32GS606 Datasheet HTML 92Page - Microchip Technology dsPIC33FJ32GS606 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 456 page
background image
TABLE 4-39:
ECAN1 REGISTER MAP WHEN WIN (C1CTRL1<0>) = 1
File Name
SFR
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
0600-
061E
See definition when WIN = x
C1BUFPNT1
0620
F3BP<3:0>
F2BP<3:0>
F1BP<3:0>
F0BP<3:0>
0000
C1BUFPNT2
0622
F7BP<3:0>
F6BP<3:0>
F5BP<3:0>
F4BP<3:0>
0000
C1BUFPNT3
0624
F11BP<3:0>
F10BP<3:0>
F9BP<3:0>
F8BP<3:0>
0000
C1BUFPNT4
0626
F15BP<3:0>
F14BP<3:0>
F13BP<3:0>
F12BP<3:0>
0000
C1RXM0SID
0630
SID<10:3>
SID<2:0>
—MIDE
—EID<17:16>
xxxx
C1RXM0EID
0632
EID<15:8>
EID<7:0>
xxxx
C1RXM1SID
0634
SID<10:3>
SID<2:0>
—MIDE
—EID<17:16>
xxxx
C1RXM1EID
0636
EID<15:8>
EID<7:0>
xxxx
C1RXM2SID
0638
SID<10:3>
SID<2:0>
—MIDE
—EID<17:16>
xxxx
C1RXM2EID
063A
EID<15:8>
EID<7:0>
xxxx
C1RXF0SID
0640
SID<10:3>
SID<2:0>
—EXIDE
—EID<17:16>
xxxx
C1RXF0EID
0642
EID<15:8>
EID<7:0>
xxxx
C1RXF1SID
0644
SID<10:3>
SID<2:0>
—EXIDE
—EID<17:16>
xxxx
C1RXF1EID
0646
EID<15:8>
EID<7:0>
xxxx
C1RXF2SID
0648
SID<10:3>
SID<2:0>
—EXIDE
—EID<17:16>
xxxx
C1RXF2EID
064A
EID<15:8>
EID<7:0>
xxxx
C1RXF3SID
064C
SID<10:3>
SID<2:0>
—EXIDE
—EID<17:16>
xxxx
C1RXF3EID
064E
EID<15:8>
EID<7:0>
xxxx
C1RXF4SID
0650
SID<10:3>
SID<2:0>
—EXIDE
—EID<17:16>
xxxx
C1RXF4EID
0652
EID<15:8>
EID<7:0>
xxxx
C1RXF5SID
0654
SID<10:3>
SID<2:0>
—EXIDE
—EID<17:16>
xxxx
C1RXF5EID
0656
EID<15:8>
EID<7:0>
xxxx
C1RXF6SID
0658
SID<10:3>
SID<2:0>
—EXIDE
—EID<17:16>
xxxx
C1RXF6EID
065A
EID<15:8>
EID<7:0>
xxxx
C1RXF7SID
065C
SID<10:3>
SID<2:0>
—EXIDE
—EID<17:16>
xxxx
C1RXF7EID
065E
EID<15:8>
EID<7:0>
xxxx
C1RXF8SID
0660
SID<10:3>
SID<2:0>
—EXIDE
—EID<17:16>
xxxx
C1RXF8EID
0662
EID<15:8>
EID<7:0>
xxxx
C1RXF9SID
0664
SID<10:3>
SID<2:0>
—EXIDE
—EID<17:16>
xxxx
C1RXF9EID
0666
EID<15:8>
EID<7:0>
xxxx
C1RXF10SID 0668
SID<10:3>
SID<2:0>
—EXIDE
—EID<17:16>
xxxx
C1RXF10EID 066A
EID<15:8>
EID<7:0>
xxxx
C1RXF11SID 066C
SID<10:3>
SID<2:0>
—EXIDE
—EID<17:16>
xxxx
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com