Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC28J60 Datasheet(PDF) 20 Page - Microchip Technology

Part # ENC28J60
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 20 Page - Microchip Technology

Back Button ENC28J60_12 Datasheet HTML 16Page - Microchip Technology ENC28J60_12 Datasheet HTML 17Page - Microchip Technology ENC28J60_12 Datasheet HTML 18Page - Microchip Technology ENC28J60_12 Datasheet HTML 19Page - Microchip Technology ENC28J60_12 Datasheet HTML 20Page - Microchip Technology ENC28J60_12 Datasheet HTML 21Page - Microchip Technology ENC28J60_12 Datasheet HTML 22Page - Microchip Technology ENC28J60_12 Datasheet HTML 23Page - Microchip Technology ENC28J60_12 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 102 page
background image
TABLE 3-3:
ENC28J60 PHY REGISTER SUMMARY
Addr
Name
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset Values
00h
PHCON1
PRST PLOOPBK
—
—PPWRSV
r
—PDPXMD(1)
r
—
—
—
—
—
—
—
00-- 00-q 0--- ----
01h
PHSTAT1
—
—
—
PFDPX
PHDPX
—
—
—
—
—
—
—
—
LLSTAT JBSTAT
—
---1 1--- ---- -00-
02h
PHID1
PHY Identifier (OUI3:OUI18) = 0083h
0000 0000 1000 0011
03h
PHID2
PHY Identifier (OUI19:OUI24) = 000101
PHY P/N (PPN<5:0>) = 00h
PHY Revision (PREV<3:0>) = 00h
0001 0100 0000 0000
10h
PHCON2
—
FRCLNK
TXDIS
r
r
JABBER
r
HDLDIS
r
r
r
r
r
r
r
r
-000 0000 0000 0000
11h
PHSTAT2
—
—
TXSTAT
RXSTAT COLSTAT
LSTAT
DPXSTAT(1)
—
—
—PLRITY
—
—
—
—
—
--00 00q- --0- ----
12h
PHIE
r
r
r
r
r
r
r
r
r
r
rPLNKIE
r
r
PGEIE
r
0000 0000 0000 0000
13h
PHIR
r
r
r
r
r
r
r
r
r
r
rPLNKIF
r
PGIF
r
r
xxxx xxxx xx00 00x0
14h
PHLCON
r
r
r
r
LACFG3 LACFG2
LACFG1
LACFG0
LBCFG3 LBCFG2 LBCFG1 LBCFG0 LFRQ1 LFRQ0 STRCH
r
0011 0100 0010 001x
Legend:
x = unknown, u = unchanged, — = unimplemented, q = value depends on condition, r = reserved, do not modify.
Note
1:
Reset values of the Duplex mode/status bits depend on the connection of the LED to the LEDB pin (see Section 2.6 “LED Configuration” for additional details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com