Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ64GP710A Datasheet(PDF) 89 Page - Microchip Technology

Part # dsPIC33FJ64GP710A
Description  16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
PDF  362 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GP710A Datasheet(HTML) 89 Page - Microchip Technology

Back Button dsPIC33FJ64GP710A Datasheet HTML 85Page - Microchip Technology dsPIC33FJ64GP710A Datasheet HTML 86Page - Microchip Technology dsPIC33FJ64GP710A Datasheet HTML 87Page - Microchip Technology dsPIC33FJ64GP710A Datasheet HTML 88Page - Microchip Technology dsPIC33FJ64GP710A Datasheet HTML 89Page - Microchip Technology dsPIC33FJ64GP710A Datasheet HTML 90Page - Microchip Technology dsPIC33FJ64GP710A Datasheet HTML 91Page - Microchip Technology dsPIC33FJ64GP710A Datasheet HTML 92Page - Microchip Technology dsPIC33FJ64GP710A Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 362 page
background image
 2009-2012 Microchip Technology Inc.
DS70593D-page 89
dsPIC33FJXXXGPX06A/X08A/X10A
7.0
INTERRUPT CONTROLLER
The
dsPIC33FJXXXGPX06A/X08A/X10A
interrupt
controller reduces the numerous peripheral interrupt
request signals to a single interrupt request signal to
the dsPIC33FJXXXGPX06A/X08A/X10A CPU. It has
the following features:
• Up to eight processor exceptions and software
traps
• Seven user-selectable priority levels
• Interrupt Vector Table (IVT) with up to 118 vectors
• A unique vector for each interrupt or exception
source
• Fixed priority within a specified user priority level
• Alternate Interrupt Vector Table (AIVT) for debug
support
• Fixed interrupt entry and return latencies
7.1
Interrupt Vector Table
The Interrupt Vector Table is shown in Figure 7-1. The
IVT resides in program memory, starting at location
000004h. The IVT contains 126 vectors consisting of
eight non-maskable trap vectors plus up to 118 sources
of interrupt. In general, each interrupt source has its
own vector. Each interrupt vector contains a 24-bit wide
address. The value programmed into each interrupt
vector location is the starting address of the associated
Interrupt Service Routine (ISR).
Interrupt vectors are prioritized in terms of their natural
priority; this priority is linked to their position in the
vector table. All other things being equal, lower
addresses have a higher natural priority. For example,
the interrupt associated with vector 0 will take priority
over interrupts at any other vector address.
dsPIC33FJXXXGPX06A/X08A/X10A devices imple-
ment up to 67 unique interrupts and five non-maskable
traps. These are summarized in Table 7-1 and
Table 7-2.
7.1.1
ALTERNATE VECTOR TABLE
The Alternate Interrupt Vector Table (AIVT) is located
after the IVT, as shown in Figure 7-1. Access to the
AIVT is provided by the ALTIVT control bit
(INTCON2<15>). If the ALTIVT bit is set, all interrupt
and exception processes use the alternate vectors
instead of the default vectors. The alternate vectors are
organized in the same manner as the default vectors.
The AIVT supports debugging by providing a means to
switch between an application and a support
environment without requiring the interrupt vectors to
be reprogrammed. This feature also enables switching
between applications for evaluation of different
software algorithms at run time. If the AIVT is not
needed, the AIVT should be programmed with the
same addresses used in the IVT.
7.2
Reset Sequence
A device Reset is not a true exception because the
interrupt controller is not involved in the Reset process.
The
dsPIC33FJXXXGPX06A/X08A/X10A
device
clears its registers in response to a Reset, which forces
the PC to zero. The digital signal controller then begins
program execution at location 0x000000. The user
programs a GOTO instruction at the Reset address
which redirects program execution to the appropriate
start-up routine.
Note 1:
This data sheet summarizes the features
of the dsPIC33FJXXXGPX06A/X08A/
X10A family of devices. However, it is not
intended
to
be
a
comprehensive
reference source. To complement the
information in this data sheet, refer to
Section 6. “Interrupts”
(DS70184) in
the
“dsPIC33F/PIC24H
Family
Reference Manual”
, which is available
from
the
Microchip
web
site
(www.microchip.com).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.
Note:
Any unimplemented or unused vector
locations in the IVT and AIVT should be
programmed with the address of a default
interrupt handler routine that contains a
RESET
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com