Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6H72T Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6H72T
Description  2.7 MHz, 12V Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H72T Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6H72T Datasheet HTML 4Page - Microchip Technology MCP6H72T Datasheet HTML 5Page - Microchip Technology MCP6H72T Datasheet HTML 6Page - Microchip Technology MCP6H72T Datasheet HTML 7Page - Microchip Technology MCP6H72T Datasheet HTML 8Page - Microchip Technology MCP6H72T Datasheet HTML 9Page - Microchip Technology MCP6H72T Datasheet HTML 10Page - Microchip Technology MCP6H72T Datasheet HTML 11Page - Microchip Technology MCP6H72T Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
MCP6H71/2/4
DS22325B-page 8
 2012 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +3.5V to +12V, VSS = GND, VCM =VDD/2 - 1.4V, VOUT  VDD/2,
VL =VDD/2, RL =10kto VL and CL =60 pF.
FIGURE 2-7:
Input Offset Voltage vs.
Power Supply Voltage.
FIGURE 2-8:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-9:
Input Noise Voltage Density
vs. Common Mode Input Voltage.
FIGURE 2-10:
CMRR, PSRR vs.
Frequency.
FIGURE 2-11:
CMRR, PSRR vs. Ambient
Temperature.
FIGURE 2-12:
Input Bias, Offset Currents
vs. Ambient Temperature.
-300
-200
-100
0
100
200
T
A =+125°C
Representative Part
-600
-500
-400
02468
10
12
Power Supply Voltage (V)
T
A
125 C
T
A = +85°C
T
A = +25°C
T
A = -40°C
10
100
1,000
1
1.E+0
1.E+1
1.E+2
1.E+3
1.E+4
1.E+5
1.E+6
Frequency (Hz)
1
10
100
1k
10k
100k
1M
12
14
16
18
20
f = 10 kHz
8
10
-1
13579
11
Common Mode Input Voltage (V)
f
10 kHz
V
DD = 12 V
50
60
70
80
90
100
110
120
CMRR
PSRR+
PSRR-
Representative Part
20
30
40
10
100
1000
10000
100000
1000000
Frequency (Hz)
10
100
1k
10k
100k
1M
70
80
90
100
110
120
130
PSRR
CMRR @ V
DD = 12V
@ V
DD = 5V
@V
35V
50
60
70
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
@V
DD = 3.5V
10
100
1000
10000
Input Bias Current
V
DD = 12 V
10n
1n
100p
10p
0.1
1
Ambient Temperature (°C)
Input Offset Current
1p
0.1p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com