Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1320 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1320
Description  Voltage Supervisor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1320 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1320 Datasheet HTML 5Page - Microchip Technology MCP1320 Datasheet HTML 6Page - Microchip Technology MCP1320 Datasheet HTML 7Page - Microchip Technology MCP1320 Datasheet HTML 8Page - Microchip Technology MCP1320 Datasheet HTML 9Page - Microchip Technology MCP1320 Datasheet HTML 10Page - Microchip Technology MCP1320 Datasheet HTML 11Page - Microchip Technology MCP1320 Datasheet HTML 12Page - Microchip Technology MCP1320 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
 2005-2012 Microchip Technology Inc.
DS21985D-page 9
MCP131X/2X
FIGURE 1-1:
Device Voltage and Reset Pin Waveforms.
TABLE 1-1:
DEVICE VOLTAGE AND RESET PIN TIMINGS
Electrical Specifications: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 k
(only MCP1320, MCP1321, and MCP1322), TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Falling VDD Trip Point Detected
to RST or RST Active
tRPD
—
650
—
µs
VDD ramped from
VTRIPMAX + 250 mV down to
VTRIPMIN – 200 mV,
VDD falling @ 5 mV/µs,
CL = 50 pF (Note 1)
VDD Rise Rate
tRR
Note 3
Reset active time
(MR Rising Edge, POR/BOR
Inactive, or WDT time out) to
RST/RST Inactive
tRST
1.0
1.4
2.0
ms
Note 2
20
30
40
ms
Note 2
140
200
280
ms
Standard Time Out
1120
1600
2240
ms
Note 2
RST Rise Time after RST Active
(Push-Pull Outputs only)
tRT
—
5
—
µs
For RST 10% to 90% of VDD,
CL = 50 pF (Note 1)
RST Rise Time after RST Inactive
(Push-Pull Outputs only)
—5
—
µs
For RST 10% to 90% of VDD,
CL = 50 pF (Note 1)
RST Fall Time after RST Inactive
tFT
—
5
—
µs
For RST 90% to 10% of VDD,
CL = 50 pF (Note 1)
RST Fall Time after RST Active
—
5
—
µs
For RST 90% to 10% of VDD,
CL = 50 pF (Note 1)
Note 1:
These parameters are for design guidance only and are not 100% tested.
2:
Custom ordered Reset active time; minimum order volume requirement.
3:
Designed to be independent of VDD rise rate. Device characterization was done with a rise rate as slow as
0.1 V/s (@ +25°C).
VTRIPMAX
VTRIPMIN
VTRIP
1V
VDD
VTRIPAC + VHYS
tRST
RST
RST
tRR
tRST
tRPD
VDD < 1V is outside the device operating specification. The RST (or RST) output state is
unknown while VDD < 1V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com