Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1603T-150I/OS Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP1603T-150I/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603T-150I/OS Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP1603T-150I/OS Datasheet HTML 25Page - Microchip Technology MCP1603T-150I/OS Datasheet HTML 26Page - Microchip Technology MCP1603T-150I/OS Datasheet HTML 27Page - Microchip Technology MCP1603T-150I/OS Datasheet HTML 28Page - Microchip Technology MCP1603T-150I/OS Datasheet HTML 29Page - Microchip Technology MCP1603T-150I/OS Datasheet HTML 30Page - Microchip Technology MCP1603T-150I/OS Datasheet HTML 31Page - Microchip Technology MCP1603T-150I/OS Datasheet HTML 32Page - Microchip Technology MCP1603T-150I/OS Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
 2007-2012 Microchip Technology Inc.
DS22042B-page 29
MCP1603/B/L
APPENDIX A:
REVISION HISTORY
Revision B (October 2012)
The following is the list of modifications:
1.
Added new device option (MCP1603B) with
PWM mode only. Added details on this device
throughout the document.
2.
Updated Typical Application Circuit graphic to
show
both
available
options
for
the
MCP1603/B/L family.
3.
Added new graphics to Section 2.0, Typical
Performance
Curves:
Figures 2-2, 2-5, 2-15
and 2-25.
Updated
Figures 2-6, 2-8, 2-12
and 2-14.
4.
Restructured Section 4.2, Synchronous Buck
Regulator to show both PFM/PWM and PWM-
only modes.
5.
Updated Table 5-2.
6.
Updated
Section 7.1,
Package
Marking
Information with available marking codes and
package specification drawings.
7.
Updated the
Product Identification System
section.
Revision A (May 2007)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com